Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7625 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7625
Description  18-Bit, 5 MSPS PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7625 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7625 Datasheet HTML 15Page - Analog Devices AD7625 Datasheet HTML 16Page - Analog Devices AD7625 Datasheet HTML 17Page - Analog Devices AD7625 Datasheet HTML 18Page - Analog Devices AD7625 Datasheet HTML 19Page - Analog Devices AD7625 Datasheet HTML 20Page - Analog Devices AD7625 Datasheet HTML 21Page - Analog Devices AD7625 Datasheet HTML 22Page - Analog Devices AD7625 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
AD7960
Rev. 0 | Page 19 of 24
DIGITAL INTERFACE
CONVERSION CONTROL
All analog-to-digital conversions are controlled by the CNV±
signal. This signal can be applied in the form of a CNV+/CNV−
LVDS signal, or it can be applied in the form of a 1.8 V CMOS
logic signal to the CNV+ pin when CNV− is grounded. The
conversion is initiated by the rising edge of the CNV± signal.
After the AD7960 is powered up, the first conversion result
generated is valid. The key beneficial feature of the AD7960 is
that the user can return to the acquisition phase before the end
of the conversion.
The two methods for acquiring the digital data output of the
AD7960 via the LVDS interface are described in the Echoed
Clock Interface Mode and Self Clocked Mode sections.
Echoed Clock Interface Mode
The digital operation of the AD7960 in echoed clock interface
mode is shown in Figure 35. This interface mode, requiring only a
shift register on the digital host, can be used with many digital
hosts (such as FPGA, shift register, and microprocessor). It requires
three LVDS pairs (D±, CLK±, and DCO±) between each AD7960
and the digital host.
The clock DCO± is a buffered copy of CLK± and is synchronous
to the data, D±, which is updated on the falling edge of DCO±
(tD). By maintaining good propagation delay matching between
D± and DCO± through the board and the digital host, DCO± can
be used to latch D± with good timing margin for the shift register.
Conversions are initiated by a rising edge of the CNV± pulse.
The CNV± pulse must be returned low (≤tCNVH maximum) for
valid operation. After a conversion begins, it continues until
completion. Additional CNV± pulses are ignored during the
conversion phase. After tMSB elapses, the host begins to burst the
CLK±. Note that tMSB is the maximum time for the MSB of the
new conversion result. Use tMSB as the gating device for CLK±.
The echoed clock, DCO±, and the data, D±, are driven in phase
with D± being updated on the falling edge of DCO±; the host
uses the rising edge of DCO± to capture D±. The only require-
ment is that the 18 CLK± pulses finish before tCLKL of the next
conversion phase elapses, or the data is lost. After all 18 bits are
read, up to tMSB, D± and DCO± are driven to 0. Set CLK± to idle
low between CLK± bursts.
Figure 35. Echoed Clock Interface Mode Timing Diagram
CLK+
tCYC
tACQ
18
17
CNV+
118
17
21
2
3
tCNVH
tCLKL
DCO+
18
17
1
18
17
2
1
23
D+
SAMPLE N
SAMPLE N + 1
D–
D17
N
D16
N
D1
N
CLK–
CNV–
DCO–
D0
N – 1
ACQUISITION
ACQUISITION
tDCO
tD
tCLK
0
tMSB
D1
N – 1
D17
N + 1
D16
N + 1
D0
N
0
D15
N + 1
tCLKD
ACQUISITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com