Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3B2-R5M4-US Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3B2-R5M4-US
Description  Plug-in Base, Long Range Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3B2-R5M4-US Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3B2-R5M4-US Datasheet HTML 1Page - Omron Electronics LLC E3B2-R5M4-US Datasheet HTML 2Page - Omron Electronics LLC E3B2-R5M4-US Datasheet HTML 3Page - Omron Electronics LLC E3B2-R5M4-US Datasheet HTML 4Page - Omron Electronics LLC E3B2-R5M4-US Datasheet HTML 5Page - Omron Electronics LLC E3B2-R5M4-US Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
E3B2
E3B2
3
Part number
E3B2-R5M4 -US-
E3B2-R7M4 -US
E3B2-D2M4 -US-
E3B2-D2M4 -US-N-
Method of detection
Retroreflective
Diffuse reflective
Long-range diffuse
Supply voltage
24 to 240 VAC, 50/60 Hz; 12 to 240 VDC
Power
AC operation
2 VA max.
consumption
DC operation
1.5 W max.
Sensing distance
5 m (16.40 ft)
7 m (22.97 ft)
2 m (6.56 ft)
3 m (9.84 ft)
with E39-R2
with E39-R2
with 30x30 cm
with 30 x 30 cm
reflector (included)
reflector (included)
(11.8x11.8 in)
(11.8 x 11.8 in)
90% reflectance
90% reflectance
white mat paper
white mat paper
Light source
Pulse modulated
Pulse modulated infrared LED
infrared LED, polarized
Detectable object type
Shiny and opaque
Opaque materials,
Opaque and transparent materials
materials,
80 mm (3.15 in)
80 mm (3.15 in)
minimum dimension
minimum dimension
Operation mode
Light-ON/Dark-ON, switch selectable
Sensitivity
Adjustable
Mutual interference protection
Provided
Control
Relay Type
SPDT (Form 1C)
output
Max. load
3 A, 250 VAC, (p.f.=1)
Min. load
10 mA, 5 VDC
Response On
Without timer
30 ms max. (E3B2-
M4-US- )
time
With timer
0.5 to 20 seconds, adjustable (E3B2-
M4D-US); 0.05 to 0.5 sec (E3B2-
M4D-US- -3)
Off
Without timer
30 ms max. (E3B2-
M4-US- )
With timer
0.5 to 20 seconds, adjustable (E3B2-
M4D-US); 0.05 to 0.5 sec (E3B2-
M4D-US- -3)
Timing functions
Type
Independent ON-delay and OFF-delay (E3B2-
M4D-US)
Range
0.5 to 20 seconds
Circuit
Output short-
Not provided
protection
circuit
DC power supply Provided
reverse polarity
Indicators
Light incident (red LED), output stability (green LED), and output operation (yellow LED)
Materials
Lens cover
Plastic, polycarbonate
Body/receptacle
Plastic, polymethylmethacrylate (PMMA)
Access cover
Plastic, polycarbonate
Mounting
Side surface with two through holes or bottom surface with two threaded metal inserts;
bracket E39-L35 and hardware included
Connections
Conduit
1/2-14 NPT
Wire
Plated steel screw terminals
Weight
230 g (8.1 oz)
200 g (7.1 oz)
Enclosure
UL
1
ratings
NEMA
1, 3, 4, 12, 13
IEC 144
IP66
Approvals
UL
Listed, File Number E41515
CSA
Certified, File Number LR45951
Ambient
Operating
-25
° to 55°C (-13° to 131°F)
temperature
Storage
-30
° to 70°C (-22° to 158°F)
Specifications



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com