Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3B2-R5M4D-US Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E3B2-R5M4D-US
Description  Plug-in Base, Long Range Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3B2-R5M4D-US Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3B2-R5M4D-US Datasheet HTML 1Page - Omron Electronics LLC E3B2-R5M4D-US Datasheet HTML 2Page - Omron Electronics LLC E3B2-R5M4D-US Datasheet HTML 3Page - Omron Electronics LLC E3B2-R5M4D-US Datasheet HTML 4Page - Omron Electronics LLC E3B2-R5M4D-US Datasheet HTML 5Page - Omron Electronics LLC E3B2-R5M4D-US Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
E3B2
E3B2
5
Engineering Data
I EXCESS GAIN RATIO
100
10
1
0
5
(16.40)
10
(32.81)
15
(49.21)
Detecting distance in meters (feet)
with E39-R2 reflector
E3B2-R5M4
I-US
30
20
10
1
0
5
(16.40)
10
(32.81)
13
(42.65)
Detecting distance in meters (feet)
100
10
1
0
1
(3.28)
2
(6.56)
3
(9.84)
Detecting distance in meters (feet)
with 30 x 30 cm (11.8 x 11.8 in)
90% reflectance mat paper
E3B2-D2M4 -US-N-
1
(3.28)
2
3
(9.84)
Detecting distance in meters (feet)
with 30 x 30 cm (11.8 x 11.8 in)
90% reflectance white mat paper
0
4
6
8
1
3
5
10
30
5
(16.40)
7
(22.97)
9
(29.53)
E3B2-D2M4 US-
E3B2-R7M4 -US
E3B2-R5M4 -US-
I OPERATING RANGE
E3B2-R5M4 -US-
E3B2-D2M4 -US-N-
2
Reflector setting distance X in meters
4
6
8
13
5
10
30
7
9
10
30
10
50
40
20
50
40
20
0
Y
X
80
(3.15)
40
(1.57)
Detecting distance in meters (feet)
with 30 x 30 cm (11.8 x 11.8 in)
90% reflectance white mat paper
0
0
0
-40
(-1.57)
-80
(-3.15)
0.30
(1)
0.60
(2)
0.91
(3)
1.21
(4)
1.51
(5)
1.81
(6)
2.11
(7)
2.42
(8)
2.72
(9)
3.02
(10)
3.32
(11)
3.62
(12)
3.93
(13)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com