Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3G-R17 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E3G-R17
Description  Long-distance Photoelectric Sensor with Built-in Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3G-R17 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3G-R17 Datasheet HTML 1Page - Omron Electronics LLC E3G-R17 Datasheet HTML 2Page - Omron Electronics LLC E3G-R17 Datasheet HTML 3Page - Omron Electronics LLC E3G-R17 Datasheet HTML 4Page - Omron Electronics LLC E3G-R17 Datasheet HTML 5Page - Omron Electronics LLC E3G-R17 Datasheet HTML 6Page - Omron Electronics LLC E3G-R17 Datasheet HTML 7Page - Omron Electronics LLC E3G-R17 Datasheet HTML 8Page - Omron Electronics LLC E3G-R17 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
E3G
4
Engineering Data (Typical)
E3G-R/MR Retro-reflective Models
Excess Gain vs. Set Distance
Parallel Operating Range
E3G-L/ML Distance-setting Models
Spot Diameter vs. Sensing Distance
Operating Range in NORMAL Mode
Operating Range in ZONE Mode
Sensing Object Size vs. Setting
Distance
Sensing Object Angle Characteristics
(Vertical)
Sensing Object Angle (Horizontal)
500
100
10
1
0.1
0
5
10
15
20
E39-R2 Reflector
Operating level
Distance (m)
400
300
200
100
0
−100
−200
−300
−400
2
4
6
8
10
12
Set distance X (m)
E39-R2 Reflector
Y
X
120
100
80
60
40
20
0
0.5
1
1.5
2
2.5
Distance (m)
Horizontal
Vertical
40
30
20
10
0
−10
−20
−30
−40
0.5
0
1
1.5
2
2.5
Set distance X (m)
Distance setting: 0.5, 1, and 2 m
Sensing object: White paper
300 x 300 mm
0.5 m
1 m
2 m
Y
X
40
30
20
10
0
−10
−20
−30
−40
Distance setting: 1 and 2 m
Sensing object: White paper
300 x 300 mm
0.5
0
1
1.5
2
2.5
Set distance X (m)
1 m
0.5 m
2 m
Y
X
3
2.5
2
1.5
1
0.5
0
100
200
300
400
500
600
Side length (one side) of sensing object: d (mm)
2 m
1 m
0.5 m
White paper
Black paper
Distance setting: 0.5, 1, and 2 m
20
15
10
5
0
−5
−10
−15
−20
−40 −30
−20
−10
0
10
20
30
40
Inclination angle (
θ)
Sensing object: White paper
Sensing distance: 1 m
Sensing object
Inclination
angle
(Upwards
and
Downwards)
+θ
−θ
20
15
10
5
0
−5
−10
−15
−20
−40 −30
−20
−10
0
10
20
30
40
Sensing object: White paper
Sensing distance: 1 m
Sensing object
Inclination
angle
(Left and
Right)
Inclination angle (
θ)
+θ
−θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com