Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R2 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E39-R2
Description  Plug-in Base, Long Range Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R2 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E39-R2 Datasheet HTML 1Page - Omron Electronics LLC E39-R2 Datasheet HTML 2Page - Omron Electronics LLC E39-R2 Datasheet HTML 3Page - Omron Electronics LLC E39-R2 Datasheet HTML 4Page - Omron Electronics LLC E39-R2 Datasheet HTML 5Page - Omron Electronics LLC E39-R2 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
E3B2
E3B2
4
I OUTPUT CIRCUIT DIAGRAM
I CONNECTIONS
I TIMING CHART
T < t , t
1
1
2
T < t , t
2
1
2
t
1
t
2
t
2
t
2
t
2
t
1
t
1
t
1
t
1
t
2
t
2
t
1
t
1
t
2
t
2
t
1
t
1
t
2
t
2
t
1
t
1
t : OFF-delay 0.5 to 20 s (E3B2-
IIM4D-US) or 0.05 to 0.5 s (E3B2-IIM4D-US-3)
2
t
1
t
2
t
2
t : ON-delay 0.5 to 20 s (E3B2-
IIM4D-US) or 0.05 to 0.5 s (E3B2-IIM4D-US-3)
1
Light
Incident
Interrupted
Without Timers
(E3B2-
IIM4-US)
With Timers
(E3B2-
IIM4D-USI)
Light-ON
mode
Dark-ON
mode
Light-ON
mode
Dark-ON
mode
Operation
Indicator
NO Contact
Operation
Indicator
NO Contact
Operation
Indicator
NO Contact
Operation
Indicator
NO Contact
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com