Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151C8T6DTR Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM32L151C8T6DTR
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8T6DTR Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM32L151C8T6DTR Datasheet HTML 49Page - STMicroelectronics STM32L151C8T6DTR Datasheet HTML 50Page - STMicroelectronics STM32L151C8T6DTR Datasheet HTML 51Page - STMicroelectronics STM32L151C8T6DTR Datasheet HTML 52Page - STMicroelectronics STM32L151C8T6DTR Datasheet HTML 53Page - STMicroelectronics STM32L151C8T6DTR Datasheet HTML 54Page - STMicroelectronics STM32L151C8T6DTR Datasheet HTML 55Page - STMicroelectronics STM32L151C8T6DTR Datasheet HTML 56Page - STMicroelectronics STM32L151C8T6DTR Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 121 page
background image
STM32L151x6/8/B, STM32L152x6/8/B
Electrical characteristics
Doc ID 17659 Rev 8
53/121
6.3.3
Embedded internal reference voltage
The parameters given in Table 16 are based on characterization results, unless otherwise
specified.
Table 16.
Embedded internal reference voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT out
(1)
Internal reference voltage
– 40 °C < TJ < +105 °C
1.202
1.224
1.242
V
IREFINT
Internal reference current
consumption
1.4
2.3
µA
TVREFINT
Internal reference startup time
2
3
ms
VVREF_MEAS
VDDA and VREF+ voltage during
VREFINT factory measure
2.99
3
3.01
V
AVREF_MEAS
Accuracy of factory-measured
VREF value
(2)
Including uncertainties
due to ADC and
VDDA/VREF+ values
±5
mV
TCoeff
(3)
Temperature coefficient
–40 °C < TJ < +105 °C
20
50
ppm/°C
0 °C < TJ < +50 °C
20
ACoeff
(3)
Long-term stability
1000 hours, T= 25 °C
1000
ppm
VDDCoeff(3)
Voltage coefficient
3.0 V < VDDA < 3.6 V
2000
ppm/V
TS_vrefint
(3)(4)
ADC sampling time when
reading the internal reference
voltage
510
µs
TADC_BUF
(3)
Startup time of reference voltage
buffer for ADC
10
µs
IBUF_ADC
(3)
Consumption of reference
voltage buffer for ADC
13.5
25
µA
IVREF_OUT
(3)
VREF_OUT output current(5)
1µA
CVREF_OUT
(3)
VREF_OUT output load
50
pF
ILPBUF
(3)
Consumption of reference
voltage buffer for VREF_OUT
and COMP
730
1200
nA
VREFINT_DIV1
(3)
1/4 reference voltage
24
25
26
%
VREFINT
VREFINT_DIV2
(3)
1/2 reference voltage
49
50
51
VREFINT_DIV3
(3)
3/4 reference voltage
74
75
76
1.
Tested in production;
2.
The internal VREF value is individually measured in production and stored in dedicated EEPROM bytes.
3.
Guaranteed by design, not tested in production.
4.
Shortest sampling time can be determined in the application by multiple iterations.
5.
To guarantee less than 1% VREF_OUT deviation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com