Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JK-R2S3 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E3JK-R2S3
Description  All voltage photoelectric sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JK-R2S3 Datasheet(HTML) 8 Page - Omron Electronics LLC

  E3JK-R2S3 Datasheet HTML 1Page - Omron Electronics LLC E3JK-R2S3 Datasheet HTML 2Page - Omron Electronics LLC E3JK-R2S3 Datasheet HTML 3Page - Omron Electronics LLC E3JK-R2S3 Datasheet HTML 4Page - Omron Electronics LLC E3JK-R2S3 Datasheet HTML 5Page - Omron Electronics LLC E3JK-R2S3 Datasheet HTML 6Page - Omron Electronics LLC E3JK-R2S3 Datasheet HTML 7Page - Omron Electronics LLC E3JK-R2S3 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Standard Photoelectric Sensors
Dimensions (Unit: mm)
Sensors
Accessories (Order Separately)
Seal type long slit (for E3JK)
21
12
42
50
40
58
10˚
R56.6
40
5
Optical
axis
36.5
21.5
Steel
13.4
28
50
Lens 14.8 dia.
Indicator *2
18
60
49
18
6 dia.
7
6.4
22
40
12
6.4
* 1.Mounting brackets can be used on the A side (Two, M4 x 20 attached) .
* 2.Emitter: Power indicator
Receiver: Light indicator
* 3.Emitter includes 2-conductor.
(A)*1
42
2-M6
6-dia., 5-conductor, vinyl-insulated
round cable (conductor cross-sectional
area: 0.3 mm²; insulation diameter: 1.5 mm).
Standard length: 2 m. * 3
E3JK-5##
Mounting Holes
With Mounting Bracket Attached
Emitter: E3JK-5L
Receiver: E3JK-5D##
21
12
Sensitivity adjustment
volume * 2
42
50
40
58
10
˚
R56.6
40
5
Optical
axis
40
25
Steel
13.4
28
50
Lens
Light indicator
18
60
49
18
6 dia.
7
6.4
22
40
12
6.4
Emitter
* 1. Mounting brackets can be used on the A side (Two, M4 x 20 attached) .
* 2. No sensitivity adjustment volume on the retororeflective model.
(A)*1
42
2-M6
6-dia., 5-conductor, vinyl-insulated round cable
(conductor cross-sectional area: 0.3 mm²; insulation diameter: 1.5 mm).
Standard length: 2 m. * 3
E3JK-R2##
E3JK-R4##
E3JK-DS30##
v
With Mounting Bracket Attached
Mounting Holes
In the interest of product improvement, specifications are subject to change without notice.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. E027-E2-09A-X
E39-S39
Material: Polyester
0.1 mm thick
14
20
26.5
1±0.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com