Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JK-R4M2 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3JK-R4M2
Description  All voltage photoelectric sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JK-R4M2 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3JK-R4M2 Datasheet HTML 1Page - Omron Electronics LLC E3JK-R4M2 Datasheet HTML 2Page - Omron Electronics LLC E3JK-R4M2 Datasheet HTML 3Page - Omron Electronics LLC E3JK-R4M2 Datasheet HTML 4Page - Omron Electronics LLC E3JK-R4M2 Datasheet HTML 5Page - Omron Electronics LLC E3JK-R4M2 Datasheet HTML 6Page - Omron Electronics LLC E3JK-R4M2 Datasheet HTML 7Page - Omron Electronics LLC E3JK-R4M2 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
E3JK
All voltage photoelectric sensors
E3JK
• Built-in amplifier accepts wide supply
voltage range.
• Slim, space-saving construction mea-
sures only 50 x 50 x 17.4 mm.
• Relay outputs with long life expectan-
cy and high switching capacity (3 A,
250 V AC).
• Polarized retroreflective type available
for glossy or shiny object detection.
* The value within the parentheses indicates the sensing distance applied when the E39-R2 reflector is used.
Note: The UL-listed model ends with "-US". (Example: E3JK-5M1-US). Note that the DC transistor type of the E3JK is UL-unlisted.
Accessories (Order Separately)
Slits
Reflectors
* Values in parentheses indicate the minimum required distance between the sensor and reflector.
Note: When the reflector used is other than the supplied one, set the sensing distance to about 0.7 times of the typical example as a guideline.
Sensor type
Shape
Connection
method
Sensing distance
Output form
Output
Model
Through-beam
Pre-wired
models
Light ON
Relay output
E3JK-5M1
Dark ON
E3JK-5M2
Retroreflective
model (with
M.S.R. function)
*
Light ON
Relay output
E3JK-R2M1
Dark ON
E3JK-R2M2
Light ON/Dark ON
(selectable)
DC transistor
output
NPN
E3JK-R2S3
PNP
E3JK-R2R3
Retroreflective
model (without
M.S.R. function)
*
Light ON
Relay output
E3JK-R4M1
Dark ON
E3JK-R4M2
Light ON/Dark ON
(selectable)
DC transistor output
(NPN)
E3JK-R4S3
Diffuse-reflective
Light ON
Relay output
E3JK-DS30M1
Dark ON
E3JK-DS30M2
Light ON/Dark ON
(selectable)
DC transistor output
(NPN)
E3JK-DS30S3
5m
2.5m
(3m)
4m
(5m)
300mm
Slit width
Sensing distance
Minimum sensing
object (typical)
Model
Quantity
Remarks
Width 1 mmx20 mm E3JK-5##
0.7 m
1 mm dia.
E39-S39
1 pc. each for emitter
and receiver
(total 2 pcs.)
(Seal type long slit)
Can be used with the through-
beam model E3JK-5##.
Name
Sensing distance (typical)
Model
Quantity
Remarks
Reflectors
E3JK-R2##
2.5 m (rated value)
E39-R1
1
Attached to the E3JK-R2##.
Attached to the E3JK-R4##.
E3JK-R4##
4 m (rated value)
E3JK-R2##
3 m
E39-R2
1
---
E3JK-R4##
5 m
Small reflector
E3JK-R2##
1 m (5 mm) *
E39-R3
1
---
Tape Reflector
E3JK-R2##
750 mm (200 mm) *
E39-RS1
1
The M.S.R. function is available.
E3JK-R2##
1.2 m (200 mm) *
E39-RS2
E3JK-R2##
1.5 m (200 mm) *
E39-RS3


Similar Part No. - E3JK-R4M2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E3JK-R4M2 ETC-E3JK-R4M2 Datasheet
329Kb / 8P
Built-in power supply photoelectric sensor
logo
Omron Electronics LLC
E3JK-R4M2 OMRON-E3JK-R4M2 Datasheet
920Kb / 13P
Built-in Power Supply Photoelectric Sensor
2010.10
E3JK-R4M2-2M OMRON-E3JK-R4M2-2M Datasheet
920Kb / 13P
Built-in Power Supply Photoelectric Sensor
2010.10
E3JK-R4M22M OMRON-E3JK-R4M22M Datasheet
893Kb / 13P
Built-in Power Supply Photoelectric Sensor
More results

Similar Description - E3JK-R4M2

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com