Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3S-R2E41 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # E3S-R2E41
Description  Photoelectric Sensor with Built-in Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R2E41 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button E3S-R2E41 Datasheet HTML 7Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 8Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 9Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 10Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 11Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 12Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 13Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 14Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
E3S
14
13
17.8
10.5
1.8
1.2
17.9
(16.7)
E39-S2
*Spacer
Slit (Order Separately)
E39-S2
Note 1. Three sets of slits are provided:
6.5 x 0.5 mm, 6.5 x 1 mm and 6.5 x
2 mm
2. One set consists of two slits, one
each for the Emitter and Receiver.
Slit
E39-S2
Applicable
Sensors
E3S-2E4
E3S-2E41
20
8.3
2.1
22.4
1.2
23.4
(22.2)
E39-S2
*Spacer
E39-S1
Note 1. Four sets of slits are provided:
11 x 0.5 mm, 11 x 1 mm, 11 x 2 mm,
and 11 x 4 mm
2. One set consists of two slits, one
each for the Emitter and Receiver.
Slit
E39-S1
Applicable
Sensors
E3S-5E4
E3S-5E41
Note: The dimensions in parentheses are for when the Spacer is not used.
* With the E3S-2E4 (41), use the Spacer as shown in the figure above so that the supporter
and Mounting Bracket will not be struck when the optical axis is adjusted.
With the E3S-5E4 (41), the Spacer is not particularly required. Use the Spacer, however, to directly mount both the E3S-2E4 (41) and -5E4 (41).
In the interest of product improvement, specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com