Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7690 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7690
Description  16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7690 Datasheet(HTML) 1 Page - Analog Devices

  AD7690 Datasheet HTML 1Page - Analog Devices AD7690 Datasheet HTML 2Page - Analog Devices AD7690 Datasheet HTML 3Page - Analog Devices AD7690 Datasheet HTML 4Page - Analog Devices AD7690 Datasheet HTML 5Page - Analog Devices AD7690 Datasheet HTML 6Page - Analog Devices AD7690 Datasheet HTML 7Page - Analog Devices AD7690 Datasheet HTML 8Page - Analog Devices AD7690 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
AD7980-EP
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
16-bit resolution with no missing codes
Throughput: 1 MSPS
Low power dissipation: 7.0 mW @ 1 MSPS, 70 µW @ 10 kSPS
INL: ±1.5 LSB typical, ±1.25 LSB maximum
SINAD: 91.5 dB @ 10 kHz
THD: −114 dB @ 10 kHz
Pseudo differential analog input range
0 V to V
REF with VREF between 2.5 V to 5.5 V
Any input range and easy to drive with the ADA4841
No pipeline delay
Single-supply 2.5 V operation with 1.8 V/2.5 V/3 V/5 V
logic interface
Serial interface SPI-/QSPI™-/MICROWIRE™-/DSP-compatible
Daisy-chain multiple ADCs and busy indicator
Supports defense and aerospace applications (AQEC)
Controlled manufacturing baseline
One assembly/test site
One fabrication site
Enhanced product change notification
Qualification data available on request
10-lead MSOP
Military temperature range: −55°C to +125°C
APPLICATIONS
Battery-powered equipment
Communications
ATE
Data acquisitions
Medical instruments
APPLICATION DIAGRAM EXAMPLE
AD7980-EP
REF
GND
VDD
IN+
IN–
VIO
SDI
SCK
SDO
CNV
1.8V TO 5.0V
3- OR 4-WIRE INTERFACE
(SPI, DAISY CHAIN, CS)
2.5V TO 5V
2.5V
0 TO VREF
Figure 1.
GENERAL DESCRIPTION
The AD7980-EP is a 16-bit, successive approximation, analog-
to-digital converter (ADC) that operates from a single power
supply, VDD. It contains a low power, high speed, 16-bit
sampling ADC and a versatile serial interface port. On the CNV
rising edge, it samples an analog input IN+ between 0 V to REF
with respect to a ground sense IN−. The reference voltage, REF,
is applied externally and can be set independent of the supply
voltage, VDD. Its power scales linearly with throughput.
The SPI-compatible serial interface also features the ability,
using the SDI input, to daisy-chain several ADCs on a single,
3-wire bus and provides an optional busy indicator. It is
compatible with 1.8 V, 2.5 V, 3 V, or 5 V logic, using the separate
supply VIO.
The AD7980-EP is housed in a 10-lead MSOP with operation
specified from −55°C to +125°C.
Table 1. MSOP, QFN (LFCSP) 14-/16-/18-Bit PulSAR® ADC
Type
100 kSPS
250 kSPS
400 kSPS to 500 kSPS
1000 kSPS
ADC Driver
18-Bit
AD76911
AD76901
AD79821
ADA4941
ADA4841
16-Bit
AD7680
AD76851
AD76861
AD79801
ADA4941
AD7683
AD76871
AD76881
ADA4841
AD7684
AD7694
AD76931
14-Bit
AD7940
AD79421
AD79461
1 Pin-for-pin compatible.


Similar Part No. - AD7690

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7690 AD-AD7690 Datasheet
526Kb / 24P
16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
AD7690 AD-AD7690 Datasheet
469Kb / 24P
16-Bit Lower Power
REV. B
AD7690 AD-AD7690 Datasheet
554Kb / 24P
Precision, Selectable Gain, Fully Differential Funnel Amplifier
REV. B
AD7690 AD-AD7690 Datasheet
421Kb / 16P
16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
AD7690 AD-AD7690 Datasheet
611Kb / 28P
16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
More results

Similar Description - AD7690

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7980 AD-AD7980 Datasheet
1Mb / 22P
16-bit, 1 MSPS PulSAR ADC in MSOP/QFN
AD7982 AD-AD7982 Datasheet
416Kb / 23P
18-bit, 1 MSPS PulSAR ADC in MSOP/QFN
AD7983 AD-AD7983 Datasheet
612Kb / 24P
16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7982BRMZ AD-AD7982BRMZ Datasheet
672Kb / 24P
18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. A
AD7980BRMZRL7 AD-AD7980BRMZRL7 Datasheet
411Kb / 28P
16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. B
AD7980 AD-AD7980_13 Datasheet
485Kb / 28P
16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. C
AD7982 AD-AD7982_15 Datasheet
2Mb / 25P
18 Bit 1 MSPS PulSAR 7.0 mW ADC in MSOP QFN
REV. C
AD7983 AD-AD7983_15 Datasheet
512Kb / 24P
16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. B
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
02-Nov-2017
AD7983 AD-AD7983_17 Datasheet
584Kb / 25P
16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
14-Apr-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com