Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9914
Description  3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9914 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9914 Datasheet HTML 9Page - Analog Devices AD9914 Datasheet HTML 10Page - Analog Devices AD9914 Datasheet HTML 11Page - Analog Devices AD9914 Datasheet HTML 12Page - Analog Devices AD9914 Datasheet HTML 13Page - Analog Devices AD9914 Datasheet HTML 14Page - Analog Devices AD9914 Datasheet HTML 15Page - Analog Devices AD9914 Datasheet HTML 16Page - Analog Devices AD9914 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Data Sheet
AD9914
Rev. C | Page 13 of 48
Figure 10. Wideband SFDR at 1396.5 MHz,
SYSCLK = 3.5 GHz (SYSCLK PLL Bypassed)
Figure 11. Wideband SFDR vs. Normalized fOUT
SYSCLK = 3.5 GHz
Figure 12. Wideband SFDR vs. Normalized fOUT,
SYSCLK = 2.5 GHz to 3.5 GHz
Figure 13. Narrow-Band SFDR at 1396.5 MHz,
SYSCLK = 3.5 GHz (SYSCLK PLL Bypassed)
Figure 14. Absolute Phase Noise of REF CLK Source Driving AD9914
Rohde & Schwarz SMA100 Signal Generator at 3.5 GHz Buffered by Series
ADCLK925
Figure 15. Absolute Phase Noise Curves of DDS Output at 3.5 GHz Operation
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
START 0Hz
175MHz/DIV
STOP 1.75GHz
0
–80
0
0.05
0.10
0.15
0.40
0.35
0.30
0.25
0.20
fC/fS
–70
–60
–50
–40
–30
–20
–10
0
–80
0
0.05
0.10
0.15
0.40
0.35
0.30
0.25
0.20
fC/fS
–70
–60
–50
–40
–30
–20
–10
SYSCLK = 2.7GHz
SYSCLK = 2.8GHz
SYSCLK = 2.9GHz
SYSCLK = 3.0GHz
SYSCLK = 3.1GHz
SYSCLK = 3.2GHz
SYSCLK = 3.3GHz
SYSCLK = 3.4GHz
SYSCLK = 3.5GHz
SYSCLK = 1.5GHz
SYSCLK = 1.6GHz
SYSCLK = 1.7GHz
SYSCLK = 1.8GHz
SYSCLK = 1.9GHz
SYSCLK = 2.0GHz
SYSCLK = 2.1GHz
SYSCLK = 2.2GHz
SYSCLK = 2.3GHz
SYSCLK = 2.4GHz
SYSCLK = 2.5GHz
SYSCLK = 2.6GHz
CENTER 1396.5MHz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
50kHz/DIV
SPAN 500kHz
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–70
–90
–80
–100
–110
–120
–130
–140
–150
–160
–170
SMA
SMA AND
ADCLK925
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–70
–90
–80
–100
–110
–120
–130
–140
–150
–160
–170
1396MHz
696MHz
427MHz
171MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com