Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7799EBZ Datasheet(PDF) 18 Page - Analog Devices

Part # EVAL-AD7799EBZ
Description  3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7799EBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button EVAL-AD7799EBZ Datasheet HTML 14Page - Analog Devices EVAL-AD7799EBZ Datasheet HTML 15Page - Analog Devices EVAL-AD7799EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD7799EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD7799EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD7799EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD7799EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD7799EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD7799EBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD7798/AD7799
Data Sheet
Rev. B | Page 18 of 28
ADC CIRCUIT INFORMATION
DOUT/RDY
DIN
SCLK
CS
DVDD
SERIAL
INTERFACE
AND
CONTROL
LOGIC
Σ-Δ
ADC
AD7798/AD7799
AIN2(+)
AIN2(–)
AIN1(+)
AIN1(–)
AVDD
GND
MUX
INTERNAL
CLOCK
GND
AVDD
REFIN(–)
REFIN(+)
PSW
IN-AMP
REFERENCE
DETECT
IN+
IN–
OUT–
OUT+
AVDD
Figure 11. Basic Connection Diagram
OVERVIEW
The AD7798/AD7799 are low power ADCs that each incorporate
a ∑-∆ modulator, a buffer, an in-amp, and on-chip digital filtering
intended for the measurement of wide dynamic range, low
frequency signals, such as those in pressure transducers and
weigh scales.
Each part has three differential inputs that can be buffered or
unbuffered. The reference is provided by an external reference
source. Figure 11 shows the basic connections required to
operate the parts.
The output rate of the AD7798/AD7799 (fADC) is user-program-
mable. The allowable update rates, along with the corresponding
settling times, are listed in Table 14. Normal mode rejection is
the major function of the digital filter. Simultaneous 50 Hz and
60 Hz rejection is optimized when the update rate equals 16.7 Hz
or less, because notches are placed at both 50 Hz and 60 Hz with
these update rates (see Figure 13).
The AD7798/AD7799 use slightly different filter types,
depending on the output update rate, so that the rejection of
quantization noise and device noise is optimized. When the
update rate ranges from 4.17 Hz to 12.5 Hz, a sinc3 filter, along
with an averaging filter, is used. When the update rate ranges
from 16.7 Hz to 39 Hz, a modified sinc3 filter is used. This filter
gives simultaneous 50 Hz and 60 Hz rejection when the update
rate equals 16.7 Hz. A sinc4 filter is used when the update rate
ranges from 50 Hz to 242 Hz. Finally, an integrate-only filter is
used when the update rate equals 470 Hz. Figure 12 through
Figure 15 show the frequency responses of the different filter
types for a few of the update rates.
0
–20
–40
–60
–80
–100
0
120
100
80
60
40
20
FREQUENCY (Hz)
Figure 12. Filter Profile with Update Rate = 4.17 Hz
0
–20
–40
–60
–80
–100
0
200
180
160
140
120
100
80
60
40
20
FREQUENCY (Hz)
Figure 13. Filter Profile with Update Rate = 16.7 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com