Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1725 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1725
Description  500 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1725 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1725_08 Datasheet HTML 17Page - Microchip Technology MCP1725_08 Datasheet HTML 18Page - Microchip Technology MCP1725_08 Datasheet HTML 19Page - Microchip Technology MCP1725_08 Datasheet HTML 20Page - Microchip Technology MCP1725_08 Datasheet HTML 21Page - Microchip Technology MCP1725_08 Datasheet HTML 22Page - Microchip Technology MCP1725_08 Datasheet HTML 23Page - Microchip Technology MCP1725_08 Datasheet HTML 24Page - Microchip Technology MCP1725_08 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
© 2007 Microchip Technology Inc.
DS22026B-page 21
MCP1725
The maximum power dissipation capability for a
package can be calculated given the junction-to-
ambient thermal resistance and the maximum ambient
temperature for the application. Equation 5-4 can be
used to determine the package maximum internal
power dissipation.
EQUATION 5-4:
EQUATION 5-5:
EQUATION 5-6:
5.3
Typical Application
Internal power dissipation, junction temperature rise,
junction temperature and maximum power dissipation
is calculated in the following example. The power dissi-
pation as a result of ground current is small enough to
be neglected.
EXAMPLE 5-1:
POWER DISSIPATION
EXAMPLE
5.3.1
DEVICE JUNCTION TEMPERATURE
RISE
The internal junction temperature rise is a function of
internal power dissipation and the thermal resistance
from junction-to-ambient for the application. The
thermal resistance from junction-to-ambient (R
θ
JA) is
derived from an EIA/JEDEC standard for measuring
thermal resistance for small surface-mount packages.
The EIA/JEDEC specification is JESD51-7 “High
Effective Thermal Conductivity Test Board for Leaded
Surface-Mount Packages”. The standard describes the
test method and board specifications for measuring the
thermal resistance from junction to ambient. The actual
thermal resistance for a particular application can vary
depending on many factors such as copper area and
thickness. Refer to AN792, “A Method to Determine
How Much Power a SOT23 Can Dissipate in an Appli-
cation” (DS00792), for more information regarding this
subject.
P
DMAX
()
T
JMAX
()
T
AMAX
()
–
()
R
θ
JA
---------------------------------------------------
=
PD(MAX) = Maximum device power dissipation
TJ(MAX) = maximum continuous junction
temperature
TA(MAX) = maximum ambient temperature
R
θ
JA = Thermal resistance from junction to
ambient
T
JRISE
()
P
DMAX
()
R
θ
JA
×
=
TJ(RISE) = Rise in device junction temperature
over the ambient temperature
PD(MAX) = Maximum device power dissipation
R
θ
JA = Thermal resistance from junction to
ambient
T
J
T
JRISE
()
T
A
+
=
TJ = Junction temperature
TJ(RISE) = Rise in device junction temperature
over the ambient temperature
TA = Ambient temperature
Package
Package
Type
=
2x3 DFN
Input Voltage
VIN
=3.3V ± 5%
LDO Output Voltage and Current
VOUT
=2.5V
IOUT
=0.5A
Maximum Ambient Temperature
TA(MAX)
=
60°C
Internal Power Dissipation
PLDO(MAX)
=(VIN(MAX) – VOUT(MIN)) x
IOUT(MAX)
PLDO
=
((3.3V x 1.05) – (2.5V x 0.975))
x 0.5A
PLDO
=
0.51 Watts
TJ(RISE)
=PTOTAL x RθJA
TJRISE
=
0.51 W x 76.0° C/W
TJRISE
=38.8°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com