Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000-R3-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2000-R3-RC
Description  Low radiation High operation frequency
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2000-R3-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2000-R3-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
23.1
High Current Toroid Inductors
Special Features
• Low radiation
• Low core loss
• High operation frequency
• High current capacity
• Low core saturation
• Horizontal or vertical mount
• Operating temperature: -55 to +105 °C
Typical Applications
• High current, low voltage converters
• High-speed computers
• Video game machines
• Output chokes
• EMI filters
Notes
* Rated current to cause 40 °C temperature rise.
** Insert “-H” or “-V” for mounting style before “-RC”.
Example: 2000-390-V-RC
2000 Series
Part
Number
L (µH)
±20 %
@ 1 KHz
Idc*
(A)
L (µH)
±20 %
@ I rated
DCR
Ω
Max.
Dim.
A
Nom.
Dim.
B
Nom.
Dim.
C
Nom.
2000-R3-RC
0.3
28.5
0.24
0.0010
0.35
0.60
0.059
2000-R5-RC
0.5
24.7
0.41
0.0012
0.35
0.60
0.059
2000-R8-RC
0.8
22.1
0.62
0.0014
0.35
0.60
0.059
2000-1R2-RC
1.2
20.2
0.86
0.0017
0.35
0.60
0.059
2000-1R5-RC
1.5
18.7
1.14
0.0020
0.35
0.60
0.059
2000-2R0-RC
2.0
15.6
1.5
0.0027
0.34
0.59
0.053
2000-2R7-RC
2.7
14.7
1.9
0.0030
0.34
0.59
0.053
2000-3R3-RC
3.3
11.1
2.5
0.0053
0.33
0.58
0.042
2000-3R9-RC
3.9
10.5
3.0
0.0059
0.33
0.58
0.042
2000-4R7-RC
4.7
10.1
3.5
0.0064
0.33
0.58
0.042
2000-5R6-RC
5.6
9.7
4.0
0.0069
0.33
0.58
0.042
2000-6R8-RC
6.8
7.2
5.7
0.013
0.31
0.56
0.034
± 15 %
± 15 %
2000-8R2-RC
8.2
7.0
6.4
0.014
0.31
0.56
0.034
2000-100-RC
10
6.6
7.9
0.015
0.31
0.56
0.034
2000-120-RC
12
6.4
8.7
0.016
0.31
0.56
0.034
2000-150-RC
15
4.7
12.4
0.029
0.29
0.53
0.027
2000-180-RC
18
4.5
14.5
0.032
0.29
0.53
0.027
2000-220-RC
22
4.3
16.7
0.035
0.29
0.53
0.027
2000-270-RC
27
4.1
20.4
0.039
0.29
0.53
0.027
2000-330-RC
33
3.5
25.4
0.054
0.29
0.53
0.024
2000-390-RC
39
3.3
29.9
0.059
0.29
0.53
0.024
2000-470-RC
47
3.2
34.6
0.064
0.29
0.53
0.024
REV. 11/09
† RoHS Directive 2002/95/EC Jan 27 2003
including Annex.
Vertical
Dimensions: Inches
Horizontal
0.41 Max.
Max.
A
0.68
0.41 Max.
B
C
C
0.062 Max.
0.68 Max.
0.062 Max.
Mounting plane.
Leads tinned to within
0.062 above
mounting plane.
0.25 lead length.
Mounting plane.
Leads tinned to within
0.062 above
mounting plane.
0.25 lead length.


Similar Part No. - 2000-R3-RC

ManufacturerPart #DatasheetDescription
logo
Dwyer Instruments,
2000-0 DWYER-2000-0 Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
2000-0.5KPA DWYER-2000-0.5KPA Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
2000-00 DWYER-2000-00 Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
logo
Digitron Semiconductors
2000-003/19 DIGITRON-2000-003/19 Datasheet
537Kb / 2P
Digital Thermometers
logo
Dwyer Instruments,
2000-00AV DWYER-2000-00AV Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
More results

Similar Description - 2000-R3-RC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-241NQ045PBF VISHAY-VS-241NQ045PBF Datasheet
127Kb / 6P
High frequency operation
19-Mar-15
logo
Littelfuse
DST2045AX LITTELFUSE-DST2045AX Datasheet
921Kb / 3P
High frequency operation
DST2060C LITTELFUSE-DST2060C Datasheet
660Kb / 3P
High frequency operation
DST2060DJF LITTELFUSE-DST2060DJF Datasheet
945Kb / 3P
High frequency operation
DST2080S LITTELFUSE-DST2080S Datasheet
735Kb / 3P
High frequency operation
DST20150C LITTELFUSE-DST20150C Datasheet
981Kb / 3P
High frequency operation
DSTB2045C LITTELFUSE-DSTB2045C Datasheet
627Kb / 3P
High frequency operation
DSTF3045C LITTELFUSE-DSTF3045C Datasheet
687Kb / 3P
High frequency operation
DSTF4060C LITTELFUSE-DSTF4060C Datasheet
695Kb / 3P
High frequency operation
DSTF20120C LITTELFUSE-DSTF20120C Datasheet
700Kb / 3P
High frequency operation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com