Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1640B-IMC Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1640B-IMC
Description  0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1640B-IMC Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1640B-IMC Datasheet HTML 2Page - Microchip Technology MCP1640B-IMC Datasheet HTML 3Page - Microchip Technology MCP1640B-IMC Datasheet HTML 4Page - Microchip Technology MCP1640B-IMC Datasheet HTML 5Page - Microchip Technology MCP1640B-IMC Datasheet HTML 6Page - Microchip Technology MCP1640B-IMC Datasheet HTML 7Page - Microchip Technology MCP1640B-IMC Datasheet HTML 8Page - Microchip Technology MCP1640B-IMC Datasheet HTML 9Page - Microchip Technology MCP1640B-IMC Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
MCP1640/B/C/D
DS22234B-page 6
 2011 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = EN = 1.2V, COUT =CIN =10 µF, L =4.7 µH, VOUT =3.3V, ILOAD =15 mA, TA = +25°C.
FIGURE 2-7:
3.3V VOUT vs. Ambient
Temperature.
FIGURE 2-8:
3.3V VOUT vs. Ambient
Temperature.
FIGURE 2-9:
3.3V VOUT vs. VIN.
FIGURE 2-10:
Minimum Start-up and
Shutdown VIN into Resistive Load vs. IOUT.
FIGURE 2-11:
FOSC vs. Ambient
Temperature.
FIGURE 2-12:
PWM Pulse Skipping Mode
Threshold vs. IOUT.
3.285
3.29
3.295
3.3
3.305
3.31
3.315
3.32
3.325
3.33
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
IOUT = 15 mA
VIN = 0.8V
VIN = 1.8V
VIN = 1.2V
3.26
3.28
3.30
3.32
3.34
3.36
3.38
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
IOUT = 15 mA
VIN = 1.5V
IOUT = 50 mA
IOUT = 5 mA
3.20
3.24
3.28
3.32
3.36
3.40
0.8
1.2
1.6
2
2.4
2.8
VIN (V)
TA = - 40°C
IOUT = 5 mA
TA = 25°C
TA = 85°C
0.25
0.40
0.55
0.70
0.85
1.00
0
2040
6080
100
IOUT (mA)
Startup
Shutdown
VOUT = 3.3V
480
485
490
495
500
505
510
515
520
525
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
VOUT = 3.3V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0123
45
6789
10
IOUT (mA)
VOUT = 3.3V
VOUT = 5.0V
VOUT = 2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com