Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1725-0802ESN Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP1725-0802ESN
Description  500 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1725-0802ESN Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP1725-0802ESN Datasheet HTML 24Page - Microchip Technology MCP1725-0802ESN Datasheet HTML 25Page - Microchip Technology MCP1725-0802ESN Datasheet HTML 26Page - Microchip Technology MCP1725-0802ESN Datasheet HTML 27Page - Microchip Technology MCP1725-0802ESN Datasheet HTML 28Page - Microchip Technology MCP1725-0802ESN Datasheet HTML 29Page - Microchip Technology MCP1725-0802ESN Datasheet HTML 30Page - Microchip Technology MCP1725-0802ESN Datasheet HTML 31Page - Microchip Technology MCP1725-0802ESN Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
© 2007 Microchip Technology Inc.
DS22026B-page 29
MCP1725
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP1725:
500 mA Low Dropout Regulator
MCP1725T:
500 mA Low Dropout Regulator
Tape and Reel
Output Voltage *:
08
= 0.8V “Standard”
12
= 1.2V “Standard”
18
= 1.8V “Standard”
25
= 2.5V “Standard”
30
= 3.0V “Standard”
33
= 3.3V “Standard”
50
= 5.0V “Standard”
*Contact factory for other output voltage options
Extra Feature Code:
0
= Fixed
Tolerance:
2
= 2.0% (Standard)
Temperature:
E
=
-40
°C to +125°C
Package Type:
MC = Plastic Dual Flat No Lead (DFN) (2x3 Body), 8-lead
SN = Plastic Small Outline (150 mil Body), 8-lead
PART NO.
X
XX
Output Feature
Code
Device
Voltage
X
Tolerance
X/
Temp.
XX
Package
Examples:
a)
MCP1725-0802E/MC:
0.8V Low Dropout
Regulator,
8LD DFN pkg.
b)
MCP1725T-1202E/MC: Tape and Reel,
1.2V Low Dropout
Regulator,
8LD DFN pkg.
c)
MCP1725-1802E/MC:
1.8V Low Dropout
Voltage Regulator,
8LD DFN pkg.
d)
MCP1725T-2502E/MC: Tape and Reel,
2.5V Low Dropout
Voltage Regulator,
8LD DFN pkg.
e)
MCP1725-3002E/MC:
3.0V Low Dropout
Voltage Regulator,
8LD DFN pkg.
f)
MCP1725-3302E/MC:
3.3V Low Dropout
Voltage Regulator,
8LD DFN pkg.
g)
MCP1725T-5002E/MC: Tape and Reel,
5.0V Low Dropout
Voltage Regulator,
8LD DFN pkg.
h)
MCP1725-ADJE/MC:
ADJ Low Dropout
Voltage Regulator,
8LD DFN pkg.
i)
MCP1725T-0802E/SN: Tape and Reel,
0.8V Low Dropout
Voltage Regulator,
8LD SOIC pkg.
j)
MCP1725-1202E/SN:
1.2V Low Dropout
Voltage Regulator,
8LD SOIC pkg.
k)
MCP1725T-1802E/SN: Tape and Reel,
1.8V Low Dropout
Voltage Regulator,
8LD SOIC pkg.
l)
MCP1725-2502E/SN:
2.5V Low Dropout
Voltage Regulator,
8LD SOIC pkg.
m)
MCP1725-3002E/SN:
3.0V Low Dropout
Voltage Regulator,
8LD SOIC pkg.
n)
MCP1725-3302E/SN:
3.3V Low Dropout
Voltage Regulator,
8LD SOIC pkg.
o)
MCP1725T-5002E/SN: Tape and Reel,
5.0V Low Dropout
Voltage Regulator,
8LD SOIC pkg.
p)
MCP1725T-ADJE/SN:
Tape and Reel,
ADJ Low Dropout
Voltage Regulator,
8LD SOIC pkg.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com