Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC201TESS Datasheet(PDF) 227 Page - Microchip Technology

Part # DSPIC33FJ12MC201TESS
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC201TESS Datasheet(HTML) 227 Page - Microchip Technology

Back Button DSPIC33FJ12MC201TESS Datasheet HTML 223Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 224Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 225Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 226Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 227Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 228Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 229Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 230Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 231Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 304 page
background image
© 2007-2011 Microchip Technology Inc.
DS70265E-page 227
dsPIC33FJ12MC201/202
TABLE 24-6:
DC CHARACTERISTICS: IDLE CURRENT (IIDLE)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤+85°C for Industrial
-40°C
≤TA ≤+125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Idle Current (IIDLE): Core OFF Clock ON Base Current(2)
DC40d
3
25
mA
-40°C
3.3V
10 MIPS(3)
DC40a
3
25
mA
+25°C
DC40b
3
25
mA
+85°C
DC40c
3
25
mA
+125°C
DC41d
4
25
mA
-40°C
3.3V
16 MIPS(3)
DC41a
4
25
mA
+25°C
DC41b
5
25
mA
+85°C
DC41c
5
25
mA
+125°C
DC42d
6
25
mA
-40°C
3.3V
20 MIPS(3)
DC42a
6
25
mA
+25°C
DC42b
7
25
mA
+85°C
DC42c
7
25
mA
+125°C
DC43a
9
25
mA
+25°C
3.3V
30 MIPS(3)
25
DC43d
9
mA
-40°C
DC43b
9
25
mA
+85°C
DC43c
9
25
mA
+125°C
DC44d
10
25
mA
-40°C
3.3V
40 MIPS
DC44a
10
25
mA
+25°C
DC44b
10
25
mA
+85°C
DC44c
10
25
mA
+125°C
Note 1:
Data in “Typical” column is at 3.3V, 25°C unless otherwise stated.
2:
Base IIDLE current is measured with core off, clock on and all modules turned off. Peripheral Module
Disable SFR registers are zeroed. All I/O pins are configured as inputs and pulled to VSS.
3:
These parameters are characterized, but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com