Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC201TESS Datasheet(PDF) 228 Page - Microchip Technology

Part # DSPIC33FJ12MC201TESS
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC201TESS Datasheet(HTML) 228 Page - Microchip Technology

Back Button DSPIC33FJ12MC201TESS Datasheet HTML 224Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 225Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 226Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 227Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 228Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 229Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 230Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 231Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 232Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 304 page
background image
dsPIC33FJ12MC201/202
DS70265E-page 228
© 2007-2011 Microchip Technology Inc.
TABLE 24-7:
DC CHARACTERISTICS: POWER-DOWN CURRENT (IPD)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤+85°C for Industrial
-40°C
≤TA ≤+125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Power-Down Current (IPD)(2)
DC60d
55
500
μA-40°C
3.3V
Base Power-Down Current(3,4)
DC60a
63
500
μA+25°C
DC60b
85
500
μA+85°C
DC60c
146
1000
μA
+125°C
DC61d
8
13
μA-40°C
3.3V
Watchdog Timer Current:
ΔIWDT(3,5)
DC61a
10
15
μA+25°C
DC61b
12
20
μA+85°C
DC61c
13
25
μA
+125°C
Note 1:
Data in the Typical column is at 3.3V, 25°C unless otherwise stated.
2:
Base IPD is measured with all peripherals and clocks shut down. All I/Os are configured as inputs and
pulled to VSS. WDT, etc., are all switched off, and VREGS (RCON<8>) = 1.
3:
The
Δ current is the additional current consumed when the module is enabled. This current should be
added to the base IPD current.
4:
These currents are measured on the device containing the most memory in this family.
5:
These parameters are characterized, but not tested in manufacturing.
TABLE 24-8:
DC CHARACTERISTICS: DOZE CURRENT (IDOZE)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤+85°C for Industrial
-40°C
≤TA ≤+125°C for Extended
Parameter No.
Typical(1)
Max
Doze
Ratio(2)
Units
Conditions
DC73a
11
35
1:2
mA
-40°C
3.3V
40 MIPS
DC73f
11
30
1:64
mA
DC73g
11
30
1:128
mA
DC70a
11
50
1:2
mA
+25°C
3.3V
40 MIPS
DC70f
11
30
1:64
mA
DC70g
11
30
1:128
mA
DC71a
12
50
1:2
mA
+85°C
3.3V
40 MIPS
DC71f
12
30
1:64
mA
DC71g
12
30
1:128
mA
DC72a
12
50
1:2
mA
+125°C
3.3V
40 MIPS
DC72f
12
30
1:64
mA
DC72g
12
30
1:128
mA
Note 1:
Data in the Typical column is at 3.3V, 25°C unless otherwise stated.
2:
Parameters with DOZE ratios of 1:2 and 1:64 are characterized, but are not
tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com