Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC202TESS Datasheet(PDF) 67 Page - Microchip Technology

Part # DSPIC33FJ12MC202TESS
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC202TESS Datasheet(HTML) 67 Page - Microchip Technology

Back Button DSPIC33FJ12MC202TESS Datasheet HTML 63Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 64Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 65Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 66Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 67Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 68Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 69Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 70Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 304 page
background image
© 2007-2011 Microchip Technology Inc.
DS70265E-page 67
dsPIC33FJ12MC201/202
FIGURE 6-2:
SYSTEM RESET TIMING
Reset
Run
Device Status
VDD
VPOR
Vbor
VBOR
POR
BOR
SYSRST
TPWRT
TPOR
TBOR
Oscillator Clock
TOSCD
TOST
TLOCK
Time
FSCM
TFSCM
1
2
3
4
5
6
1.
POR:
A POR circuit holds the device in Reset when the power supply is turned on. The POR circuit is active until VDD crosses the
VPOR threshold and the delay TPOR has elapsed.
2.
BOR:
The on-chip voltage regulator has a BOR circuit that keeps the device in Reset until VDD crosses the VBOR threshold and the
delay TBOR has elapsed. The delay TBOR ensures the voltage regulator output becomes stable.
3.
PWRT Timer:
The programmable power-up timer continues to hold the processor in Reset for a specific period of time (TPWRT)
after a BOR. The delay TPWRT ensures that the system power supplies have stabilized at the appropriate level for full-speed oper-
ation. After the delay TPWRT has elapsed, the SYSRST becomes inactive, which in turn enables the selected oscillator to start gen-
erating clock cycles.
4.
Oscillator Delay:
The total delay for the clock to be ready for various clock source selections are given in Table 6-1. Refer to
Section 8.0 “Oscillator Configuration”
for more information.
5.
When the oscillator clock is ready, the processor begins execution from location 0x000000. The user application programs a GOTO
instruction at the Reset address, which redirects program execution to the appropriate start-up routine.
6.
The Fail-safe clock monitor (FSCM), if enabled, begins to monitor the system clock when the system clock is ready and the delay
TFSCM elapsed.
TABLE 6-2:
OSCILLATOR PARAMETERS
Symbol
Parameter
Value
VPOR
POR threshold
1.8V nominal
TPOR
POR extension time 30
μs maximum
VBOR
BOR threshold
2.5V nominal
TBOR
BOR extension time 100
μs maximum
TPWRT
Programmable
power-up time delay
0-128 ms nominal
TFSCM
Fail-safe Clock
Monitor Delay
900
μs maximum
Note:
When the device exits the Reset condi-
tion (begins normal operation), the
device operating parameters (voltage,
frequency, temperature, etc.) must be
within their operating ranges, other-
wise the device may not function cor-
rectly.
The
user
application
must
ensure that the delay between the time
power is first applied, and the time
SYSRST becomes inactive, is long
enough to get all operating parameters
within specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com