Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC202TESS Datasheet(PDF) 107 Page - Microchip Technology

Part # DSPIC33FJ12MC202TESS
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC202TESS Datasheet(HTML) 107 Page - Microchip Technology

Back Button DSPIC33FJ12MC202TESS Datasheet HTML 103Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 104Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 105Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 106Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 107Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 108Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 109Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 110Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 304 page
background image
© 2007-2011 Microchip Technology Inc.
DS70265E-page 107
dsPIC33FJ12MC201/202
REGISTER 8-1:
OSCCON: OSCILLATOR CONTROL REGISTER(1,3)
U-0
R-0
R-0
R-0
U-0
R/W-y
R/W-y
R/W-y
—
COSC<2:0>
—
NOSC<2:0>(2)
bit 15
bit 8
R/W-0
R/W-0
R-0
U-0
R/C-0
U-0
R/W-0
R/W-0
CLKLOCK
IOLOCK
LOCK
—CF
—
LPOSCEN
OSWEN
bit 7
bit 0
Legend:
y = Value set from Configuration bits on POR
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented:
Read as ‘0’
bit 14-12
COSC<2:0>:
Current Oscillator Selection bits (read-only)
111
= Fast RC oscillator (FRC) with Divide-by-n
110
= Fast RC oscillator (FRC) with Divide-by-16
101
= Low-Power RC oscillator (LPRC)
100
= Secondary oscillator (SOSC)
011
= Primary oscillator (XT, HS, EC) with PLL
010
= Primary oscillator (XT, HS, EC)
001
= Fast RC oscillator (FRC) with Divide-by-n plus PLL
000
= Fast RC oscillator (FRC)
bit 11
Unimplemented:
Read as ‘0’
bit 10-8
NOSC<2:0>:
New Oscillator Selection bits (2)
111
= Fast RC oscillator (FRC) with Divide-by-n
110
= Fast RC oscillator (FRC) with Divide-by-16
101
= Low-Power RC oscillator (LPRC)
100
= Secondary oscillator (SOSC)
011
= Primary oscillator (XT, HS, EC) with PLL
010
= Primary oscillator (XT, HS, EC)
001
= Fast RC oscillator (FRC) with Divide-by-n plus PLL
000
= Fast RC oscillator (FRC)
bit 7
CLKLOCK:
Clock Lock Enable bit
If clock switching is enabled and FSCM is disabled, (FOSC<FCKSM> = 0b01)
1
= Clock switching is disabled, system clock source is locked
0
= Clock switching is enabled, system clock source can be modified by clock switching
bit 6
IOLOCK:
Peripheral Pin Select Lock bit
1
= Peripherial pin select is locked, write to peripheral pin select registers not allowed
0
= Peripherial pin select is not locked, write to peripheral pin select registers allowed
bit 5
LOCK:
PLL Lock Status bit (read-only)
1
= Indicates that PLL is in lock, or PLL start-up timer is satisfied
0
= Indicates that PLL is out of lock, start-up timer is in progress or PLL is disabled
bit 4
Unimplemented:
Read as ‘0’
Note 1:
Writes to this register require an unlock sequence. Refer to Section 7. “Oscillator” (DS70186) in the
“dsPIC33F/PIC24H Family Reference Manual”
(available from the Microchip web site) for details.
2:
Direct clock switches between any primary oscillator mode with PLL and FRCPLL mode are not permitted.
This applies to clock switches in either direction. In these instances, the application must switch to FRC
mode as a transition clock source between the two PLL modes.
3:
This register is reset only on a Power-on Reset (POR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com