Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G6H Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G6H
Description  Electronic Components Master Selection Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6H Datasheet(HTML) 2 Page - Omron Electronics LLC

  G6H Datasheet HTML 1Page - Omron Electronics LLC G6H Datasheet HTML 2Page - Omron Electronics LLC G6H Datasheet HTML 3Page - Omron Electronics LLC G6H Datasheet HTML 4Page - Omron Electronics LLC G6H Datasheet HTML 5Page - Omron Electronics LLC G6H Datasheet HTML 6Page - Omron Electronics LLC G6H Datasheet HTML 7Page - Omron Electronics LLC G6H Datasheet HTML 8Page - Omron Electronics LLC G6H Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Relays - MOS FET
4
G3VM-200
G3VM-350
G3VM-400
G3VM
High Voltage
& Dielectric
G3VM
Current
Limiting
General Attributes
Dimensions mm (in)
Please refer to specific
data sheets for all
dimensional information
Please refer to specific
data sheets for all
dimensional information
Please refer to specific
data sheets for all
dimensional information
Please refer to specific
data sheets for all
dimensional information
Please refer to specific
data sheets for all
dimensional information
Load voltage
0-350V (AC or DC)
0-200V (AC or DC)
0-400V (AC or DC)
0-600V (AC or DC)
0-350V (AC or DC)
Features
• Broad product offering
• Form A & Form B
configurations
• Ideal for Instrumentation,
Broadband Systems,
Measurement Devices,
Data loggers, Consumer
Electronics, Security
Systems, Electronic
Automatic Exchange
Systems, Industrial
Automation Equipment,
Medical Equipment
• 1 & 2 channel
configurations
• Ideal for Instrumentation,
Broadband Systems,
Measurement Devices,
Data Loggers, Consumer
Electronics, Medical
Equipment
• Broad product offering
• 10kV surge withstand
models available
• Ideal for Instrumentation,
Broadband Systems,
Measurement Devices,
Data Loggers, Consumer
Electronics, Security
Systems, Electronic
Automatic Exchange
Systems, Industrial
Automation Equipment,
Medical Equipment
• Capable of switching
loads up to 600V
(AC and DC)
• 10kV surge withstand
• Ideal for
Instrumentation,
Electronic Automatic
Exchange Systems,
Industrial Automation
Systems, Measurement
Devices, Security
Systems, Medical
Equipment
• Current limiting of 150 to
300mA
• Ideal for Electronic
Automatic Exchange
Systems, Multi-function
Telephones, Cordless
Telephones, Measurement
Devices, Instrumentation
Maximum Ratings and
Electrical Characteristics
0-90mA, 0-100mA,
0-110mA, 0-120mA,
0-150mA
0-50mA & 0-200mA
0-120mA
0-100mA
0-120mA
Output capacitance
_
_
_
_
_
ON resistance
(typical)
15!, 27!, 30!, 25!,
40!
5! & 30!
17! & 18!
25!
22!
Available switching
configurations
1 Form A, 1 Form B,
1 Form A + 1 Form B
2 Form A, 2 Form B
1 Form A, 2 Form A
1 Form A, 2 Form A
1 Form A
1 Form A, 2 Form A
Leakage current
1.0µA (max.)
10nA (max.) & 1.0µA (max.)
1.0µA (max.)
1.0µA (max.)
1.0µA (max.)
turn-ON time
(typical)
0.1ms, 0.25ms,
0.3ms, 0.5ms,
1.0ms
40ms & 600ms
0.3ms & 0.5ms
0.2ms
0.3ms & 0.5ms
Dielectric strength (AC
for 1 minute between
input and output)
1,500Vrms (min.)
2,500Vrms (min.)
1,500Vrms (min.)
1,500Vrms (min.)
2,500Vrms (min.)
5,000Vrms (min.)
5,000Vrms (min.)
1,500Vrms (min.)
2,500Vrms (min.)
Accessories
Tape & reel
Tape & reel
Tape & reel
Tape & reel
Tape & reel
Available packaging &
terminal choices
PCB, SMT, SOP
4 PIN, 6 PIN, 8 PIN
SOP
4 PIN, 6 PIN, 8 PIN
PCB, SMT, SOP
4 PIN, 6 PIN, 8 PIN
PCB & SMT
6 PIN
PCB, SMT & SOP
4 PIN, 6 PIN, 8 PIN
Approved standards
UL 1577
UL 1577
UL 1577
UL 1577
UL 1577
turn-OFF time
(typical)
0.1ms, 0.15ms,
0.5ms, 1.0ms,
3.0ms
100ms
0.1ms & 0.5ms
0.2ms
0.3ms & 0.5ms
Continuous load current
ECbodyREADERS.indd 4
ECbodyREADERS.indd 4
7/14/06 11:21:31 PM
7/14/06 11:21:31 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com