Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G6RN1DC12 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G6RN1DC12
Description  Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6RN1DC12 Datasheet(HTML) 2 Page - Omron Electronics LLC

  G6RN1DC12 Datasheet HTML 1Page - Omron Electronics LLC G6RN1DC12 Datasheet HTML 2Page - Omron Electronics LLC G6RN1DC12 Datasheet HTML 3Page - Omron Electronics LLC G6RN1DC12 Datasheet HTML 4Page - Omron Electronics LLC G6RN1DC12 Datasheet HTML 5Page - Omron Electronics LLC G6RN1DC12 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
160
Power Relay
G6RN
■ Contact Ratings
Note: P level:
λ
60 = 0.1 × 10
−6 operation
■ Characteristics
Note: Resistive load test at 250 VAC, 8 A, room temperature with diode.
Continuous monitoring must be performed to detect contact sticking and short circuit.
Dielectric strength measured at 500 V for 1 minute with the same polarity.
■ Approved Standards
VDE (EN61810-1)
UL Recognized (File No. E41515) /CSA Certified (File No. LR31928-543) - - Ambient Temp. = 40
°C
Contact material
Ag-Alloy + gold plating (standard)
Rated switching current
(resistive)
8 A at 250 VAC
5 A at 30 VDC
Rated carry current
8A
Max. switching voltage
250 VAC, 30 VDC
Max. switching capacity
2,000 VA, 150 W
Min. permissible load
10 mA, 5 VDC
Contact resistance
100 m
Ω max.
Operate time
Approx. 6 ms
Release time
Approx. 3 ms
Max. operating
frequency
Mechanical
36,000 operations/hr
Electrical
360 operations/hr (under rated load)
Insulation resistance
1,000 M
Ω min.
Dielectric strength
4,000 VAC: between coil and contacts
1,000 VAC: between contacts
Creepage/clearance
8 mm min. between coil and contacts
Vibration resistance
Malfunction
NO: 10 to 55 Hz, 1.5 mm double amplitude
NC: 10 to 55 Hz, 0.8 mm double amplitude
Shock resistance
Destruction
1,000 m/s2 (approx. 100 G)
Malfunction
NO: 100 m/s2 (approx. 10 G)
NC: 50 m/s2 (approx. 5 G)
Life expectancy
Mechanical
10,000,000 operations min.
Electrical
50,000 operations (Typ. 100,000 operations - see note)
Ambient temperature Operating
-40
°C to 85°C
Storage
-40
°C to 85°C
Ambient humidity
Operating
5% to 85%
Weight
Approx. 9 g
Protection class
II according to VDE0106 Part 1
Insulation class
C/250, B/380 according to VDE0110
Contact form
Coil ratings
Contact ratings
SPDT
SPST-NO
5, 12, 24, 48 VDC
8 A at 250 VAC (cos
φ =1)
Coil ratings
Contact ratings
5, 12, 24, 48 VDC
250 VAC, 10 A resistive
250 VAC, 8 A resistive, 85
°C
30 VDC, 5 A resistive



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com