Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2200 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP2200
Description  USB 2.0 to UART Protocol Converter with GPIO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2200 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP2200_13 Datasheet HTML 17Page - Microchip Technology MCP2200_13 Datasheet HTML 18Page - Microchip Technology MCP2200_13 Datasheet HTML 19Page - Microchip Technology MCP2200_13 Datasheet HTML 20Page - Microchip Technology MCP2200_13 Datasheet HTML 21Page - Microchip Technology MCP2200_13 Datasheet HTML 22Page - Microchip Technology MCP2200_13 Datasheet HTML 23Page - Microchip Technology MCP2200_13 Datasheet HTML 24Page - Microchip Technology MCP2200_13 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
 2011 Microchip Technology Inc.
DS22228B-page 21
MCP2200
2.3.1.21
ReadPortValue
Function:
int SimpleIOClass::ReadPortValue()
EXAMPLE 2-21:
2.3.1.22
SelectDevice
Function:
int SimpleIOClass::SelectDevice(unsigned int uiDeviceNo)
EXAMPLE 2-22:
Summary:
Reads the GPIO port as digital input.
Description:
Reads the GPIO port and returns the value of the port. This provides a method to read all pins
simultaneously, instead of one-by-one. In case of an error, the returned value will be 0x8000.
Precondition:
Must be previously configured as an input via a ConfigureIO call.
VID and PID must be previously set via a call to InitMCP2200(VID, PID).
Parameters:
None.
Returns:
This function returns True if the transmission is successful and returns False if the transmission fails.
Remarks:
Pins configured for output return the current state of the port. Pins configured as input read as zero.
Summary:
Selects one of the active devices in the system.
Description:
The function is used to select one of the detected devices in the system as the “active device”.
Precondition:
At least one call to the InitMCP2200() is required in order to initiate a DLL search for the compatible
devices. Also, in order to know the actual number of devices in the system, call the
SimpleIOClass::IsConnected()
function. VID and PID must be previously set via a call to
InitMCP2200(VID, PID)
.
Parameters:
uiDeviceNo
- the ID of the device to be selected (can have a value between 0 and the number of
devices minus 1).
Returns:
This function returns ‘0’ in case of selection success, otherwise it will return:
• E_WRONG_DEVICE_ID (-1) for a device ID that is out of range
• E_INACTIVE_DEVICE (-2) for an inactive device.
Remarks:
Call the SimpleIOClass::IsConnected() prior to the call of this function in order to have the most
recent number of devices that are present in the system.
int rv;
rv = SimpleIOClass::ReadPortValue()
if (rv != 0x8000)
{
lblStatusBar->Text = “Success”;
}
else
lblStatusBar->Text = “Invalid command ” +
SimpleIOClass::LastError;
int iResult;
iResult = SimpleIOClass::SelectDevice(1)
if (iResult == 0)
{
lblStatusBar->Text = “Success”;
}
else
lblStatusBar->Text = “Error selecting device”;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com