Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1825T-ESS Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC16F1825T-ESS
Description  14/20-Pin Flash Microcontrollers with XLP Technology
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1825T-ESS Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC16F1825T-ESS Datasheet HTML 21Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 22Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 23Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 24Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 25Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 26Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 27Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 28Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 448 page
background image
 2010-2012 Microchip Technology Inc.
DS41440C-page 25
PIC16(L)F1825/1829
3.2.2
SPECIAL FUNCTION REGISTER
The Special Function Registers (FSR) are registers
used by the application to control the desired operation
of peripheral functions in the device. The Special
Function Registers occupy the 20 bytes after the core
registers of every data memory bank (addresses
x0Ch/x8Ch through x1Fh/x9Fh). The registers associ-
ated with the operation of the peripherals are described
in the appropriate peripheral chapter of this data sheet.
3.2.3
GENERAL PURPOSE RAM
There are up to 80 bytes of GPR in each data memory
bank. The Special Function Registers occupy the 20
bytes after the core registers of every data memory
bank (addresses x0Ch/x8Ch through x1Fh/x9Fh).
3.2.3.1
Linear Access to GPR
The general purpose RAM can be accessed in a
non-banked method via the FSRs. This can simplify
access to large memory structures. See Section 3.5.2
“Linear Data Memory” for more information.
3.2.4
COMMON RAM
There are 16 bytes of common RAM accessible from all
banks.
FIGURE 3-2:
BANKED MEMORY
PARTITIONING
3.2.5
DEVICE MEMORY MAPS
The memory maps for the device family are as shown
in Table 3-2.
TABLE 3-2:
MEMORY MAP TABLES
Device
Banks
Table No.
PIC16(L)F1825
PIC16(L)F1829
0-7
Table 3-3
8-15
Table 3-4
16-23
Table 3-5
24-31
Table 3-6
31
Table 3-7
0Bh
0Ch
1Fh
20h
6Fh
70h
7Fh
00h
Common RAM
(16 bytes)
General Purpose RAM
(80 bytes maximum)
Core Registers
(12 bytes)
Special Function Registers
(20 bytes maximum)
Memory Region
7-bit Bank Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com