Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HUF76013P3 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # HUF76013P3
Description  20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUF76013P3 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button HUF76013P3 Datasheet HTML 2Page - Fairchild Semiconductor HUF76013P3 Datasheet HTML 3Page - Fairchild Semiconductor HUF76013P3 Datasheet HTML 4Page - Fairchild Semiconductor HUF76013P3 Datasheet HTML 5Page - Fairchild Semiconductor HUF76013P3 Datasheet HTML 6Page - Fairchild Semiconductor HUF76013P3 Datasheet HTML 7Page - Fairchild Semiconductor HUF76013P3 Datasheet HTML 8Page - Fairchild Semiconductor HUF76013P3 Datasheet HTML 9Page - Fairchild Semiconductor HUF76013P3 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUF76013P3, HUF76013D3S Rev. B
SPICE Thermal Model
REV 23March 2000
HUF76013T
CTHERM1 th 6 1.0e-3
CTHERM2 6 5 2.80e-3
CTHERM3 5 4 3.00e-3
CTHERM4 4 3 3.40e-3
CTHERM5 3 2 6.40e-3
CTHERM6 2 tl 9.50e-2
RTHERM1 th 6 1.85e-2
RTHERM2 6 5 4.61e-2
RTHERM3 5 4 1.30e-1
RTHERM4 4 3 7.29e-1
RTHERM5 3 2 1.10
RTHERM6 2 tl 1.46e-1
SABER Thermal Model
SABER thermal model HUF76013T
template thermal_model th tl
thermal_c th, tl
{
ctherm.ctherm1 th 6 = 1.0e-3
ctherm.ctherm2 6 5 = 2.80e-3
ctherm.ctherm3 5 4 = 3.00e-3
ctherm.ctherm4 4 3 = 3.40e-3
ctherm.ctherm5 3 2 = 6.40e-3
ctherm.ctherm6 2 tl = 9.50e-2
rtherm.rtherm1 th 6 =1.85e-2
rtherm.rtherm2 6 5 = 4.61e-2
rtherm.rtherm3 5 4 = 1.30e-1
rtherm.rtherm4 4 3 = 7.29e-1
rtherm.rtherm5 3 2 = 1.10
rtherm.rtherm6 2 tl = 1.46e-1
}
RTHERM4
RTHERM6
RTHERM5
RTHERM3
RTHERM2
RTHERM1
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
tl
2
3
4
5
6
th
JUNCTION
CASE
HUF76013P3, HUF76013D3S



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com