Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIML-0805-R33K-T Datasheet(PDF) 1 Page - Abracon Corporation

Part # AIML-0805-R33K-T
Description  MULTILAYER FERRITE CHIP INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIML-0805-R33K-T Datasheet(HTML) 1 Page - Abracon Corporation

  AIML-0805-R33K-T Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part
L (µH)
Q
L.Q Test SRF
R DC
IRATE
Part
L (µH)
Q
L.Q Test
SRF
R DC
IRATE
Number
Min
Freq
Min
Max
Max
Number
Min
Freq
Min
Max
Max
AIML-0805
(MHz)
(MHz)
( )
Ω
(mA)
AIML-1206
(MHz) (MHz)
(mA)
R047M
0.047
15
50
320
0.20
300
R047M
0.047
20
50
320
0.15
300
R068M
0.068
15
50
280
0.20
300
R068M
0.068
20
50
280
0.25
300
R082M
0.082
15
50
255
0.20
300
R10K
0.10
20
50
235
0.25
250
R10K
0.10
20
25
235
0.30
250
R12K
0.12
20
25
220
0.30
250
R12K
0.12
20
25
220
0.30
250
R15K
0.15
20
25
200
0.30
250
R15K
0.15
20
25
200
0.40
250
R18K
0.18
20
25
185
0.40
250
R18K
0.18
20
25
185
0.40
250
R22K
0.22
20
25
170
0.40
250
R22K
0.22
20
25
170
0.50
250
R27K
0.27
20
25
150
0.50
250
R27K
0.27
20
25
150
0.50
250
R33K
0.33
20
25
145
0.60
250
R33K
0.33
20
25
145
0.55
250
R39K
0.39
25
25
135
0.50
200
R39K
0.39
25
25
135
0.65
200
R47K
0.47
25
25
125
0.60
200
R47K
0.47
25
25
125
0.65
200
R56K
0.56
25
25
115
0.70
150
R56K
0.56
25
25
115
0.75
150
R68K
0.68
25
25
105
0.80
150
R68K
0.68
25
25
105
0.80
150
R82K
0.82
25
25
100
0.90
150
R82K
0.82
25
25
100
1.00
150
1R0K
1.0
45
10
75
0.40
100
1R0K
1.0
45
10
75
0.40
50
1R2K
1.2
45
10
65
0.50
100
1R2K
1.2
45
10
65
0.50
50
1R5K
1.5
45
10
60
0.50
50
1R5K
1.5
45
10
60
0.50
50
1R8K
1.8
45
10
55
0.50
50
1R8K
1.8
45
10
55
0.60
50
2R2K
2.2
45
10
50
0.60
50
2R2K
2.2
45
10
50
0.65
30
2R7K
2.7
45
10
45
0.60
50
2R7K
2.7
45
10
45
0.75
30
3R3K
3.3
45
10
41
0.70
50
3R3K
3.3
45
10
41
0.80
30
3R9K
3.9
45
10
38
0.80
50
3R9K
3.9
45
10
38
0.90
30
4R7K
4.7
45
10
35
0.90
50
4R7K
4.7
45
10
35
1.00
30
5R6K
5.6
40
4
32
0.70
25
5R6K
5.6
50
4
32
0.90
15
6R8K
6.8
40
4
29
0.80
25
6R8K
6.8
50
4
29
1.00
15
8R2K
8.2
40
4
26
0.90
25
8R2K
8.2
50
4
26
1.10
15
100K
10
50
2
24
1.00
25
100K
10
50
2
24
1.15
15
120K
12
50
2
22
1.05
15
120K
12
50
2
22
1.25
15
150K
15
35
1
19
0.70
5
150K
15
30
1
19
0.80
5
180K
18
35
1
18
0.70
5
180K
18
30
1
18
0.90
5
220K
22
35
1
16
0.90
5
220K
22
30
1
16
1.10
5
270K
27
35
1
14
0.90
5
270K
27
30
1
14
1.15
5
330K
33
35
1
13
1.05
5
330K
33
30
1
13
1.25
5
390K
39
40
2
11
3.00
5
390K
39
35
2
8.0
2.90
4
470K
47
40
2
10
3.40
5
560K
56
40
2
9.5
3.80
4
680K
68
40
1
9.5
3.00
4
820K
82
40
1
9.0
3.40
4
101K
100
40
1
8.0
3.80
4
121K
120
30
0.4
6.0
3.00
2
151K
150
30
0.4
5.5
3.40
2
181K
180
30
0.4
5.0
3.80
2
221K
220
30
0.4
4.5
4.20
2
( )
Ω
AIML-0805, AIML-1206 SERIES
|||||||||||||| |
• Ordering Code: AIML-XXXX(Size)-RXXX(Value)-(J)(K)(M)-T(T&R)
• Tolerance: J=±5%, K=±10%, M=±20%
• Letter suffix indicates standard tolerance
• See Source Control Drawing ( SCD ) for detail E&M performance
• Operating Temperature: -40°C to +125°C
Note: All specifications subject to change without notice.
AIML-0805
Length (L)
0.079±0.008
(2,00±0,20)
Width (W)
0.049±0.008
(1,25±0,20)
Thickness (T)
0.033±0.008
(0,085±0,20)
Termination (BW)
0.02±0.012
(0,50±0,30)
AIML-1206
0.125±0.008
(3,20±0,20)
0.063±0.008
(0,50±0,30)
(1,60±0,20)
0.024±0.008
(0,80±0,20)
0.020±0.012
PHYSICAL CHARACTERISTICS:
STANDARD SPECIFICATIONS:
OPTIONS:
• Tape & Reel is standard
• Other tolerance available
FEATURES:
• Ferrite base
• High SRF and Q
APPLICATIONS:
• Wireless application
• Digital equipment
Dimension: inch/mm
30332Esperanza, Ran
cho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-800
1 | www.abracon.com
Revised: 01.11.11
Visit
www.abracon.com for Terms & Conditions of Sale
MULTILAYER FERRITE CHIP INDUCTORS
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
ISO 9001:2008
TAPE & REEL: Tape and reel 4,000pcs/reel
T
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications. Abracon’s products are not
specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. For
applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more
information.


Similar Part No. - AIML-0805-R33K-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIML-0805 ABRACON-AIML-0805 Datasheet
68Kb / 1P
MULTILAYER FERRITE CHIP INDUCTORS
AIML-0805HC ABRACON-AIML-0805HC Datasheet
1Mb / 3P
Multilayer Ferrite Chip Inductor (High Current)
03.04.14
AIML-0805HC-100 ABRACON-AIML-0805HC-100 Datasheet
1Mb / 3P
Multilayer Ferrite Chip Inductor (High Current)
03.04.14
AIML-0805HC-1R0 ABRACON-AIML-0805HC-1R0 Datasheet
1Mb / 3P
Multilayer Ferrite Chip Inductor (High Current)
03.04.14
AIML-0805HC-1R5 ABRACON-AIML-0805HC-1R5 Datasheet
1Mb / 3P
Multilayer Ferrite Chip Inductor (High Current)
03.04.14
More results

Similar Description - AIML-0805-R33K-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIML-0805 ABRACON-AIML-0805 Datasheet
68Kb / 1P
MULTILAYER FERRITE CHIP INDUCTORS
logo
Sumida Corporation
SFI-A3216-470 SUMIDA-SFI-A3216-470 Datasheet
380Kb / 3P
Multilayer Chip Ferrite Inductors
SFI-A2012-470 SUMIDA-SFI-A2012-470 Datasheet
383Kb / 3P
Multilayer Chip Ferrite Inductors
SFI-A1608-270 SUMIDA-SFI-A1608-270 Datasheet
371Kb / 3P
Multilayer Chip Ferrite Inductors
logo
RCD COMPONENTS INC.
MLI1206-R10-MBW RCD-MLI1206-R10-MBW Datasheet
62Kb / 1P
MULTILAYER SHIELDED FERRITE CHIP INDUCTORS
logo
Token Electronics Indus...
TRMI160808 TOKEN-TRMI160808 Datasheet
410Kb / 8P
TRMI Chip Multilayer Ferrite Inductors
logo
Frontier Electronics.
FL160808 FRONTIER-FL160808_15 Datasheet
119Kb / 2P
SMD MULTILAYER FERRITE CHIP INDUCTORS
FL201209 FRONTIER-FL201209_15 Datasheet
118Kb / 2P
SMD MULTILAYER FERRITE CHIP INDUCTORS
FL201212 FRONTIER-FL201212_15 Datasheet
118Kb / 2P
SMD MULTILAYER FERRITE CHIP INDUCTORS
logo
Superworld Electronics
L2-47N-10 SUPERWORLD-L2-47N-10 Datasheet
250Kb / 7P
FERRITE CHIP INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com