Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16L1825TT-ESS Datasheet(PDF) 98 Page - Microchip Technology

Part # PIC16L1825TT-ESS
Description  14/20-Pin Flash Microcontrollers with XLP Technology
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16L1825TT-ESS Datasheet(HTML) 98 Page - Microchip Technology

Back Button PIC16L1825TT-ESS Datasheet HTML 94Page - Microchip Technology PIC16L1825TT-ESS Datasheet HTML 95Page - Microchip Technology PIC16L1825TT-ESS Datasheet HTML 96Page - Microchip Technology PIC16L1825TT-ESS Datasheet HTML 97Page - Microchip Technology PIC16L1825TT-ESS Datasheet HTML 98Page - Microchip Technology PIC16L1825TT-ESS Datasheet HTML 99Page - Microchip Technology PIC16L1825TT-ESS Datasheet HTML 100Page - Microchip Technology PIC16L1825TT-ESS Datasheet HTML 101Page - Microchip Technology PIC16L1825TT-ESS Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 448 page
background image
PIC16(L)F1825/1829
DS41440C-page 98
 2010-2012 Microchip Technology Inc.
8.6.9
PIR4 REGISTER(1)
The PIR4 register contains the interrupt flag bits, as
shown in Register 8-9.
TABLE 8-1:
SUMMARY OF REGISTERS ASSOCIATED WITH INTERRUPTS
Note 1: The PIR4 register is available only on the
PIC16(L)F1829 device.
2: Interrupt flag bits are set when an
interrupt condition occurs, regardless of
the state of its corresponding enable bit
or the Global Enable bit, GIE, of the
INTCON register. User software should
ensure the appropriate interrupt flag bits
are clear prior to enabling an interrupt.
REGISTER 8-9:
PIR4: PERIPHERAL INTERRUPT REQUEST REGISTER 4(1)
U-0
U-0
U-0
U-0
U-0
U-0
R/W/HS-0/0 R/W/HS-0/0
—
—
—
—
—
—
BCL2IF
SSP2IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
HS = Bit is set by hardware
bit 7-6
Unimplemented: Read as ‘0’
bit 1
BCL2IF: MSSP2 Bus Collision Interrupt Flag bit
1 = A Bus Collision was detected (must be cleared in software)
0 = No Bus collision was detected
bit 0
SSP2IF: Master Synchronous Serial Port 2 (MSSP2) Interrupt Flag bit
1 = The Transmission/Reception/Bus Condition is complete (must be cleared in software)
0 = Waiting to Transmit/Receive/Bus Condition in progress
Note 1:
This register is only available on PIC16(L)F1829.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
90
OPTION_REG
WPUEN
INTEDG
TMR0CS
TMR0SE
PSA
PS<2:0>
185
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
91
PIE2
OSFIE
C2IE
C1IE
EEIE
BCL1IE
—
—
CCP2IE
92
PIE3
—
—
CCP4IE
CCP3IE
TMR6IE
—TMR4IE
—
93
PIE4(1)
—
—
—
—
—
—
BCL2IE
SSP2IE
94
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
95
PIR2
OSFIF
C2IF
C1IF
EEIF
BCL1IF
—
—
CCP2IF
96
PIR3
—
—
CCP4IF
CCP3IF
TMR6IF
—TMR4IF
—
97
PIR4(1)
—
—
—
—
—
—
BCL2IF
SSP2IF
98
Legend:
— Unimplemented locations read as ‘0’. Shaded cells are not used by interrupts.
Note 1:
PIC16(L)F1829 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com