Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3103N8TC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXGD3103N8TC
Description  SYNCHRONOUS MOSFET CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3103N8TC Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXGD3103N8TC Datasheet HTML 1Page - Diodes Incorporated ZXGD3103N8TC Datasheet HTML 2Page - Diodes Incorporated ZXGD3103N8TC Datasheet HTML 3Page - Diodes Incorporated ZXGD3103N8TC Datasheet HTML 4Page - Diodes Incorporated ZXGD3103N8TC Datasheet HTML 5Page - Diodes Incorporated ZXGD3103N8TC Datasheet HTML 6Page - Diodes Incorporated ZXGD3103N8TC Datasheet HTML 7Page - Diodes Incorporated ZXGD3103N8TC Datasheet HTML 8Page - Diodes Incorporated ZXGD3103N8TC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ZXGD3103N8
ZXGD3103N8
Document number: DS32255 Rev. 2 - 2
2 of 12
www.diodes.com
November 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Absolute maximum ratings
Parameter
Symbol
Limit
Unit
Supply voltage
1
VCC
15
V
Continuous Drain pin voltage
1
VD
-3 to180
V
GATEH and GATEL output Voltage
1
VG
-3 to VCC + 3
V
Driver peak source current
ISOURCE
2.5
A
Driver peak sink current
ISINK
6
A
Reference current
IREF
25
mA
Bias voltage
VBIAS
VCC
V
Bias current
IBIAS
100
mA
Power dissipation at TA =25°C
PD
490
mW
Operating junction temperature
Tj
-40 to +150
°C
Storage temperature
Tstg
-50 to +150
°C
Notes:
1. All voltages are relative to GND pin.
Thermal resistance
Parameter
Symbol
Value
Unit
Junction to ambient (a)
RθJA
255
°C/W
Junction to lead (b)
RθlA
120
°C/W
Notes:
a. Mounted on minimum 1oz weight copper on FR4 PCB in still air conditions.
b. Output Drivers - Junction to solder point at end of the lead 5 and 6
ESD Rating
Model
Rating
Unit
Human Body
2000
V
Machine
300
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com