Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C128CSS11MT Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT24C128CSS11MT
Description  I2C-Compatible (2-Wire) Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128CSS11MT Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT24C128CSS11MT Datasheet HTML 2Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 3Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 4Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 5Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 6Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 7Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 8Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 9Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
Atmel AT24C128C [DATASHEET]
8734B–SEEPR–9/2012
6.
Device Operation
Clock and Data Transitions: The SDA pin is normally pulled high with an external device. Data on the SDA pin may
change only during SCL low time periods (See Figure 6-1). Data changes during SCL high periods will indicate a start or
stop condition as defined below.
Figure 6-1.
Data Validity
Start Condition: A high-to-low transition of SDA with SCL high is a start condition that must precede any other command
(See Figure 6-2).
Figure 6-2. Start and Stop Definition
Stop Condition: A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the stop
command will place the EEPROM in a standby power mode (See Figure 6-2).
Acknowledge: All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words. The
EEPROM sends a zero during the ninth clock cycle to acknowledge that it has received each word.
Standby Mode: AT24C128C features a low-power standby mode that is enabled upon power-up and after the receipt of
the stop bit and the completion of any internal operations.
SDA
SCL
Data
Change
Data Stable
Data Stable
SDA
SCL
Start
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com