Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG126Z473MAT2S1 Datasheet(PDF) 4 Page - AVX Corporation

Part # LG126Z473MAT2S1
Description  Low Inductance Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LG126Z473MAT2S1 Datasheet(HTML) 4 Page - AVX Corporation

  LG126Z473MAT2S1 Datasheet HTML 1Page - AVX Corporation LG126Z473MAT2S1 Datasheet HTML 2Page - AVX Corporation LG126Z473MAT2S1 Datasheet HTML 3Page - AVX Corporation LG126Z473MAT2S1 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
77
LGA Low Inductance Capacitors
0204/0306/0805 Land Grid Arrays
Series
L
W
T
BW
BL
LG12 (0204)
0.5 ± 0.05
1.00 ± 0.10
0.50 ± 0.05
0.8 ± 0.10
0.13 ± 0.08
(0.020±0.002)
(0.039 ± 0.004)
(0.020 ± 0.002)
(0.031 ± 0.004)
(0.005 ± 0.003)
LG22 (0306)
0.76 ± 0.10
1.60 ± 0.10
0.50 ± 0.05
1.50 ±0.10
0.28 ± 0.08
(0.030 ± 0.004)
(0.063 ± 0.004)
(0.020 ± 0.002)
(0.059 ± 0.004)
(0.011 ± 0.003)
LGC2 (0805)
2.06 ± 0.10
1.32 ± 0.10
0.50 ± 0.05
1.14 ± 0.10
0.90 ±0.08
(0.081 ± 0.004)
(0.052 ± 0.004)
(0.020 ± 0.002)
(0.045 ± 0.004)
(0.035 ± 0.003)
PART DIMENSIONS
mm (inches)
RECOMMENDED SOLDER PAD DIMENSIONS
mm (inches)
PL
G
PW1
Series
PL
PW1
G
LG12 (0204)
0.50 (0.020)
1.00 (0.039)
0.20 (0.008)
LG22 (0306)
0.65 (0.026)
1.50 (0.059)
0.20 (0.008)
LGC2 (0805)
1.25 (0.049)
1.40 (0.055)
0.20 (0.008)
HOW TO ORDER
LG
Style
1
Case
Size
1 = 0204
2 = 0306
C = 0805
2
Number of
Terminals
2
6
Working
Voltage
4 = 4V
6 = 6.3V
Z = 10V
Z
Temperature
Characteristic
C = X7R
D = X5R
Z = X7S
W = X6S
104
Coded
Cap
M
Cap
Tolerance
M = 20%
A
Termination
Style
A = “U” Land
T
Termination
100% Sn*
*Contact factory for
other termination
finishes
2
Packaging
Tape & Reel
2 = 7" Reel
4 = 13" Reel
S
Thickness
S = 0.55mm
max
1
Number of
Capacitors
SIZE
LG12 (0204)
LG22 (0306)
LGC2 (0805)
Length
mm (in.)
0.50 (0.020)
0.76 (0.030)
2.06 (0.081)
Width
mm (in.)
1.00 (0.039)
1.60 (0.063)
1.32 (0.052)
Temp. Char.
X5R (D)
X7S (Z)
X6S (W)
X7R (C)
X5R (D)
X7S (Z)
X6S (W)
X7R (C)
X5R (D)
X7S (Z)
X6S (W)
Working Voltage
6.3
4
6.3
4
6.3
4
10
6.3
4
6.3
4
6.3
4
6.3
4
6.3
4
6.3
4
6.3
4
6.3
4
(6)
(4)
(6)
(4)
(6)
(4)
(Z)
(6)
(4)
(6)
(4)
(6)
(4)
(6)
(4)
(6)
(4)
(6)
(4)
(6)
(4)
(6)
(4)
Cap (µF)
0.010 (103)
0.022 (223)
0.047 (473)
0.100 (104)
0.220 (224)
0.330 (334)
0.470 (474)
1.000 (105)
2.200 (225)
= X7R
= X5R
= X7S
= X6S
T
L
BL
BW
L
W
BL
Standard
Geometry LGA
LGC2
Top
View
Side
1
Side
2
T
L
BL
W
BW
L
BL
Reverse
Geometry LGA
LG12, LG22
Top
View
Side
1
Side
2
LEAD-FREE COMPATIBLE
COMPONENT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com