Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G5500AS Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # G5500AS
Description  G5000 and G6000 Series Overvoltage Protectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

G5500AS Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  G5500AS Datasheet HTML 1Page - Bourns Electronic Solutions G5500AS Datasheet HTML 2Page - Bourns Electronic Solutions G5500AS Datasheet HTML 3Page - Bourns Electronic Solutions G5500AS Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
G5000 and G6000 Series Overvoltage Protectors
Standard Soldering Condition
300
220
180
260
200
150
100
TIME (SECONDS)
REFLOW SOLDERING SYSTEM
50
0
T1
T2
PREHEAT
HEATING
COOL DOWN
Flow Soldering System
300
260
200
150
100
TIME (SECONDS)
FLOW SOLDERING TEMPERATURE PROFILE
50
0
T1
T2
80
250
PREHEAT
HEATING
COOL DOWN
Soldering Iron
Temperature: 350 °C ±5 °C
Time:
5 ± 1 sec.
Item
Condition
Preheat
T1: 150 - 180 °C
60-90 sec.
Heating
T2: 220 - 260 °C
30-60 sec.
Peak Temperature
260 °C
Cool Down
Cooling after soldering should be as
gradual as possible.
Item
Condition
Preheat
T1: 80 - 150 °C
120-180 sec.
Heating
T2: 250 - 260 °C
10 ± 1 sec.
Peak Temperature
260 °C
Cool Down
Cooling after soldering should be as
gradual as possible.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com