Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G6000AS Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # G6000AS
Description  G5000 and G6000 Series Overvoltage Protectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

G6000AS Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  G6000AS Datasheet HTML 1Page - Bourns Electronic Solutions G6000AS Datasheet HTML 2Page - Bourns Electronic Solutions G6000AS Datasheet HTML 3Page - Bourns Electronic Solutions G6000AS Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
G5000 and G6000 Series Overvoltage Protectors
Typical Applications
P40
GDT
GDT
TBU™ Device
TBU™ Device
Equip.
TBU
GDT
C650-xxx
G5500AS
C650-xxx
G6000AS
C850-xxx
G5200AS
Telecom, Industrial and Other General Electronics
P40
V
CC
G5000AS
G5000AS
P40-G
ADSL, VDSL and VDSL2
G5200AS
G5200AS
G5200AS
G5200AS
P850-U
P850-U
P850-U
P850-U
2000 V, 20 pF
Ethernet



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com