Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAOC-009872 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAOC-009872
Description  Voltage Controlled Oscillator 11.0 - 11.8 GHz Low Phase Noise
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAOC-009872 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAOC-009872 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAOC-009872 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAOC-009872 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAOC-009872 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAOC-009872 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Voltage Controlled Oscillator
11.0 - 11.8 GHz
Rev. V1
MAOC-009872
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
 Low Phase Noise
 Wide Tuning Range
 Divide-by-Two Output
 Integrated Buffer Amplifier
 Excellent Temperature Stability
 +5V Bias Supply
 Lead-Free 5 mm 32-Lead PQFN Package
 Halogen-Free “Green” Mold Compound
 RoHS* Compliant and 260°C Reflow Compatible
Description
The MAOC-009872 is an InGaP HBT-based voltage
controlled oscillator for frequency generation. No
external matching components are required. This
VCO is easily integrated into a phase lock loop using
the divide-by-two output. The extremely low phase
noise makes this part ideal for many radio
applications including high capacity digital radios.
The
MAOC-009872
primary
applications
are
Point-to-Point
Radio,
Point-to-Multipoint
Radio,
Communications Systems, and Low Phase Noise
applications.
The 5 mm PQFN package has a lead-free finish that
is RoHS compliant and compatible with a 260ºC
reflow temperature. The package also features low
lead inductance and an excellent thermal path.
Block Diagram
Ordering Information1
Part Number
Package
MAOC-009872-TR0500
500 piece reel
MAOC-009872-TR1000
1000 piece reel
MAOC-009872-SMB003
Sample Board
Pin
Function
Pin
Function
1
N/C
17
N/C
2
N/C
18
N/C
3
N/C
19
RF
4
N/C
20
N/C
5
N/C
21
VCC
6
N/C
22
N/C
7
VBUFFER
23
N/C
8
N/C
24
N/C
9
N/C
25
N/C
10
N/C
26
N/C
11
N/C
27
N/C
12
RF/2
28
N/C
13
N/C
29
VTUNE
14
N/C
30
N/C
15
N/C
31
N/C
16
N/C
32
N/C
Pin Designations2
*
Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1. Reference Application Note M513 for reel size information.
(PIN 1)
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
24
23
22
21
20
19
18
17
32 31 30 29 28 27 26 25
The exposed pad centered on the package bottom must be
connected to RF and DC ground. Connecting all N/C pins to
RF/DC Ground in the layout is also recommended.


Similar Part No. - MAOC-009872

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAOC-009872 MA-COM-MAOC-009872 Datasheet
250Kb / 5P
Voltage Controlled Oscillator
MAOC-009872-001SMB MA-COM-MAOC-009872-001SMB Datasheet
879Kb / 5P
Voltage Controlled Oscillator
MAOC-009872-TR0500 MA-COM-MAOC-009872-TR0500 Datasheet
879Kb / 5P
Voltage Controlled Oscillator
MAOC-009872-TR1000 MA-COM-MAOC-009872-TR1000 Datasheet
879Kb / 5P
Voltage Controlled Oscillator
MAOC-009872 MA-COM-MAOC-009872_13 Datasheet
879Kb / 5P
Voltage Controlled Oscillator
More results

Similar Description - MAOC-009872

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-204 VECTRON-OX-204 Datasheet
554Kb / 5P
Ultra Low Phase Noise Oven Controlled Crystal Oscillator
OX-204 VECTRON-OX-204_15 Datasheet
455Kb / 5P
Ultra Low Phase Noise Oven Controlled Crystal Oscillator
logo
Crystek Corporation
CVHD-952 CRYSTEKCRYSTAL-CVHD-952 Datasheet
161Kb / 1P
Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
CVPD-952 CRYSTEKCRYSTAL-CVPD-952 Datasheet
183Kb / 2P
Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
OX-305 VECTRON-OX-305 Datasheet
342Kb / 4P
Ultra Low Phase Noise Oven Controlled Crystal Oscillator
logo
NIHON DEMPA KOGYO
NV5032SC NDK-NV5032SC Datasheet
325Kb / 1P
Low Phase Noise Type Voltage Controlled Crystal Oscillator(VCXO)
logo
Vectron International, ...
OX-304 VECTRON-OX-304 Datasheet
452Kb / 5P
Ultra Low Phase Noise Oven Controlled Crystal Oscillator
logo
Crystek Corporation
CVHD-952 CRYSTEKCRYSTAL-CVHD-952_17 Datasheet
228Kb / 1P
Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
CVPD-952 CRYSTEKCRYSTAL-CVPD-952_17 Datasheet
306Kb / 2P
Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
logo
NIHON DEMPA KOGYO
NV5032SC NDK-NV5032SC_18 Datasheet
634Kb / 1P
Low Phase Noise Type Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com