Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZ2J130 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # DZ2J130
Description  Silicon epitaxial planar type For constant voltage / For surge absorption circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DZ2J130 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  DZ2J130 Datasheet HTML 1Page - Panasonic Semiconductor DZ2J130 Datasheet HTML 2Page - Panasonic Semiconductor DZ2J130 Datasheet HTML 3Page - Panasonic Semiconductor DZ2J130 Datasheet HTML 4Page - Panasonic Semiconductor DZ2J130 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Product Standards
Zener Diode
DZ2J130
0L
Technical Data ( reference )
Page 2 of 4
PT - Ta
0
50
100
150
200
250
0
20
40
60
80 100 120 140 160 180 200
Ambient temperature Ta (°C)
Mounted on glass epoxy print board.
Board size : 45 mm × 45 mm x 1 mm
Solder in : land pattern
IF - VF
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Forward voltage VF (V)
Ta = 25 °C
IR - VR
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
024
68
10
Reverse voltage VR (V)
Ta = 25 °C
IZ - VZ
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
0
5
10
15
20
25
Zener voltage VZ (V)
Ta = 125 °C
85 °C
-40 °C
25 °C
SZ - IZ
0
2
4
6
8
10
12
14
024
68
10
Zener current IZ (mA)
RZ - IZ
1
10
100
0.0001
0.001
0.01
0.1
Zener current IZ (A)
Ta = 25 °C
Doc No. TT4-EA-11555
Revision. 3
Established : 2009-10-14
Revised
: 2013-07-12



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com