Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFX64N60P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFX64N60P
Description  PolarHVTM HiPerFET Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX64N60P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFX64N60P Datasheet HTML 1Page - IXYS Corporation IXFX64N60P Datasheet HTML 2Page - IXYS Corporation IXFX64N60P Datasheet HTML 3Page - IXYS Corporation IXFX64N60P Datasheet HTML 4Page - IXYS Corporation IXFX64N60P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2006 IXYS All rights reserved
DS99442E(01/06)
PolarHVTM HiPerFET
Power MOSFET
V
DSS
=
600 V
I
D25
=64
A
R
DS(on)
≤≤≤≤≤
96 m
Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤
200 ns
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
Features
l International standard packages
l Fast recovery diode
l Unclamped Inductive Switching (UIS)
rated
l Low package inductance
- easy to drive and to protect
Advantages
l
Easy to mount
l
Space savings
l
High power density
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0 V, ID = 3 mA
600
V
V
GS(th)
V
DS = VGS, ID = 8 mA
3.0
5.0
V
I
GSS
V
GS = ±30 VDC, VDS = 0
±200
nA
I
DSS
V
DS = VDSS
25
µA
V
GS = 0 V
T
J = 125° C
1000
µA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25, Note 1
96
m
Ω
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J = 25° C to 150° C
600
V
V
DGR
T
J = 25° C to 150° C; RGS = 1 MΩ
600
V
V
GSS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25° C64
A
I
DM
T
C = 25° C, pulse width limited by TJM
150
A
I
AR
T
C = 25° C64
A
E
AR
T
C = 25° C80
mJ
E
AS
T
C = 25° C
3.5
J
dv/dt
I
S
≤I
DM, di/dt ≤100 A/µs, VDD ≤VDSS,
20
V/ns
T
J ≤150° C, RG = 2 Ω
P
D
T
C = 25° C
1040
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
° C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
° C
T
SOLD
Plastic body for 10 s
260
° C
F
C
Mounting force (PLUS247)
20..120/4.5..25
N/lb
M
d
Mounting torque (TO-264)
1.13/10 Nm/lb.in.
Weight
TO-264
10
g
PLUS247
6
g
PLUS247 (IXFX)
G = Gate
D
= Drain
S = Source
Tab = Drain
S
G
D
(TAB)
TO-264 (IXFK)
(TAB)
IXFK 64N60P
IXFX 64N60P


Similar Part No. - IXFX64N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFX64N60P3 IXYS-IXFX64N60P3 Datasheet
131Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
logo
Inchange Semiconductor ...
IXFX64N60P3 ISC-IXFX64N60P3 Datasheet
2Mb / 8P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFX64N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA3N60P IXYS-IXTA3N60P Datasheet
227Kb / 4P
PolarHVTM Power MOSFET
IXFK48N60P IXYS-IXFK48N60P Datasheet
222Kb / 4P
PolarHVTM HiPerFET Power MOSFET N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXTQ22N50P IXYS-IXTQ22N50P Datasheet
203Kb / 5P
PolarHVTM Power MOSFET
IXTP14N60P IXYS-IXTP14N60P Datasheet
166Kb / 5P
PolarHVTM Power MOSFET
IXFH30N60P IXYS-IXFH30N60P Datasheet
330Kb / 5P
PolarHVTM HiPerFET Power MOSFET N-Channel Enhancement Mode
IXTP5N60P IXYS-IXTP5N60P Datasheet
125Kb / 4P
PolarHVTM Power MOSFET
IXTQ26N50P IXYS-IXTQ26N50P Datasheet
343Kb / 5P
PolarHVTM Power MOSFET
IXFP5N50PM IXYS-IXFP5N50PM Datasheet
111Kb / 2P
PolarHVTM HiPerFET Power MOSFET
IXTP2R4N50P IXYS-IXTP2R4N50P Datasheet
95Kb / 6P
PolarHVTM Power MOSFET
FMM22-06PF IXYS-FMM22-06PF Datasheet
101Kb / 2P
PolarHVTM HiPerFET N-Channel Power MOSFET Phase leg Topology
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com