Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD581 Datasheet(PDF) 11 Page - Analog Devices

Part # AD581
Description  High Precision 10 V IC Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD581 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD581 Datasheet HTML 4Page - Analog Devices AD581 Datasheet HTML 5Page - Analog Devices AD581 Datasheet HTML 6Page - Analog Devices AD581 Datasheet HTML 7Page - Analog Devices AD581 Datasheet HTML 8Page - Analog Devices AD581 Datasheet HTML 9Page - Analog Devices AD581 Datasheet HTML 10Page - Analog Devices AD581 Datasheet HTML 11Page - Analog Devices AD581 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD581
Rev. C | Page 11 of 12
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
OUTLINE DIMENSIONS
0.185 (4.70)
0.165 (4.19)
0.500 (12.70)
MIN
0.019 (0.48)
0.016 (0.41)
0.030 (0.76) MAX
0.100 (2.54) TYP
0.034 (0.86)
0.028 (0.71)
0.045 (1.14)
0.029 (0.74)
3
1
0.200
(5.08)
TYP
45°
2
BASE & SEATING PLANE
Figure 17. 3-Pin Metal Header Package [TO-5]
(H-03B)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD581JH1
0°C to +70°C
3-Pin Metal Header Package (TO-5)
H-03B
AD581KH1
0°C to +70°C
3-Pin Metal Header Package (TO-5)
H-03B
AD581LH1
0°C to +70°C
3-Pin Metal Header Package (TO-5)
H-03B
AD581SH1
−55°C to +125°C
3-Pin Metal Header Package (TO-5)
H-03B
AD581TH1
−55°C to +125°C
3-Pin Metal Header Package (TO-5)
H-03B
AD581UH1
−55°C to +125°C
3-Pin Metal Header Package (TO-5)
H-03B
1 RoHS compliant model as of Date Code 0713.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com