Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5331 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5331
Description  2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5331 Datasheet(HTML) 2 Page - Analog Devices

  AD5331 Datasheet HTML 1Page - Analog Devices AD5331 Datasheet HTML 2Page - Analog Devices AD5331 Datasheet HTML 3Page - Analog Devices AD5331 Datasheet HTML 4Page - Analog Devices AD5331 Datasheet HTML 5Page - Analog Devices AD5331 Datasheet HTML 6Page - Analog Devices AD5331 Datasheet HTML 7Page - Analog Devices AD5331 Datasheet HTML 8Page - Analog Devices AD5331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5304/AD5314/AD5324
Data Sheet
Rev. H | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
AC Characteristics........................................................................ 4
 
Timing Characteristics ................................................................ 5
 
Absolute Maximum Ratings............................................................ 6
 
ESD Caution.................................................................................. 6
 
Pin Configurations and Function Descriptions ........................... 7
 
Typical Performance Characteristics ............................................. 8
 
Terminology .................................................................................... 12
 
Theory of Operation ...................................................................... 14
 
Functional Description.............................................................. 14
 
Power-On Reset.......................................................................... 14
 
Serial Interface ............................................................................ 14
 
Power-Down Mode .................................................................... 16
 
Microprocessor Interfacing....................................................... 16
 
Applications Information .............................................................. 18
 
Typical Application Circuit....................................................... 18
 
Decoding Multiple AD5304/AD5314/AD5324s.................... 19
 
Power Supply Bypassing and Grounding................................ 20
 
Outline Dimensions ....................................................................... 22
 
Ordering Guide .......................................................................... 23
 
Automotive Products ................................................................. 23
 
REVISION HISTORY
9/11—Rev. G to Rev. H
Changes to Table 4............................................................................ 6
5/11—Rev. F to Rev. G
Added W Version ...............................................................Universal
Added EPAD Notation to Figure 4................................................. 7
Updated Outline Dimensions ....................................................... 22
Changes to Ordering Guide .......................................................... 23
Added Automotive Products Section .......................................... 23
9/06—Rev. E to Rev. F
Updated Format..................................................................Universal
Changes to Specifications Section .................................................. 3
Changes to Table 5............................................................................ 7
Updated Outline Dimensions ...................................................... 22
Changes to Ordering Guide .......................................................... 23
5/05—Rev. D to Rev. E
Added 10-lead LFCSP package.........................................Universal
Changes to Title ................................................................................ 1
Changes to Ordering Guide ............................................................ 4
8/03—Rev. C to Rev. D
Added A Version ................................................................Universal
Changes to Features ..........................................................................1
Changes to Specifications.................................................................2
Changes to Absolute Maximum Ratings........................................4
Changes to Ordering Guide .............................................................4
Changes to Figure 6........................................................................ 11
Added OCTALS Section to Table 2.............................................. 15
Updated Outline Dimensions....................................................... 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com