Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8057 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8057
Description  Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8057 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8057 Datasheet HTML 9Page - Analog Devices AD8057 Datasheet HTML 10Page - Analog Devices AD8057 Datasheet HTML 11Page - Analog Devices AD8057 Datasheet HTML 12Page - Analog Devices AD8057 Datasheet HTML 13Page - Analog Devices AD8057 Datasheet HTML 14Page - Analog Devices AD8057 Datasheet HTML 15Page - Analog Devices AD8057 Datasheet HTML 16Page - Analog Devices AD8057 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD5545/AD5555
Rev. G | Page 13 of 24
PROGRAMMABLE CURRENT SOURCE
Figure 24 shows a versatile V-to-I conversion circuit using
improved Howland Current Pump. In addition to the precision
current conversion it provides, this circuit enables a bidirec-
tional current flow and high voltage compliance. This circuit
can be used in a 4 mA to 20 mA current transmitter with up to
a 500 Ω of load. In Figure 24, it shows that if the resistor
network is matched, the load current is
(
)
D
V
R3
R1
R3
R2
I
REF
L
×
×
+
=
(5)
R3, in theory, can be made small to achieve the current needed
within the U3 output current driving capability. This circuit is
versatile such that the AD8510 can deliver ±20 mA in both
directions, and the voltage compliance approaches 15 V, which
is mainly limited by the supply voltages of U3. However, users
must pay attention to the compensation. Without C1, it can be
shown that the output impedance becomes
(
)
(
)
(
)
R3
R2
1
R
3
R
2
R
R1
R2
R1
R3
1
R
ZO
+
′
′
+
′
+
′
=
–
(6)
If the resistors are perfectly matched, ZO is infinite, which is
desirable, and the resistors behave as an ideal current source.
On the other hand, if they are not matched, ZO can be either
positive or negative. The latter can cause oscillation. As a result,
C1 is needed to prevent the oscillation. For critical applications,
C1 could be found empirically but typically falls in the range of
a few picofarads.
AD5545/AD5555
AD8628
AD8510
VREF
VREF
IOUT
VDD
VDD
VDD
C1
10pF
VSS
LOAD
GND
02918- 0- 023
VL
IL
RFB
U2
U3
U1
V+
V–
R3'
50
Ω
R1'
150k
Ω
R2'
15k
Ω
R1
150k
Ω
R2
15k
Ω
R3
50
Ω
Figure 24. Programmable Current Source with Bidirectional
Current Control and High Voltage Compliance Capabilities



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com