Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7788ARM Datasheet(PDF) 5 Page - Analog Devices

Part # AD7788ARM
Description  Low Power, 16-/24-Bit, Sigma-Delta ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7788ARM Datasheet(HTML) 5 Page - Analog Devices

  AD7788ARM Datasheet HTML 1Page - Analog Devices AD7788ARM Datasheet HTML 2Page - Analog Devices AD7788ARM Datasheet HTML 3Page - Analog Devices AD7788ARM Datasheet HTML 4Page - Analog Devices AD7788ARM Datasheet HTML 5Page - Analog Devices AD7788ARM Datasheet HTML 6Page - Analog Devices AD7788ARM Datasheet HTML 7Page - Analog Devices AD7788ARM Datasheet HTML 8Page - Analog Devices AD7788ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD7788/AD7789
Rev. B | Page 5 of 20
AD7788/AD7789
Table 3.
Parameter
AD7788A, AD7788B/AD7789B
Unit
Test Conditions/Comments
LOGIC INPUTS
All Inputs Except SCLK1
VINL, Input Low Voltage
0.8
V max
VDD = 5 V
0.4
V max
VDD = 3 V
VINH, Input High Voltage
2.0
V min
VDD = 3 V or 5 V
SCLK Only (Schmitt-Triggered Input)1
VT(+)
1.4/2
V min/V max
VDD = 5 V
VT(−)
0.8/1.4
V min/V max
VDD = 5 V
VT(+) − VT(−)
0.3/0.85
V min/V max
VDD = 5 V
VT(+)
0.9/2
V min/V max
VDD = 3 V
VT(−)
0.4/1.1
V min/V max
VDD = 3 V
VT(+) − VT(−)
0.3/0.85
V min/V max
VDD = 3 V
Input Currents
±1
μA max
VIN = VDD
Input Capacitance
10
pF typ
All digital inputs
LOGIC OUTPUTS
VOH, Output High Voltage1
VDD − 0.6
V min
VDD = 3 V, ISOURCE = 100 μA
VOL, Output Low Voltage1
0.4
V max
VDD = 3 V, ISINK = 100 μA
VOH, Output High Voltage1
4
V min
VDD = 5 V, ISOURCE = 200 μA
VOL, Output Low Voltage1
0.4
V max
VDD = 5 V, ISINK = 1.6 mA
Floating-State Leakage Current
±1
μA max
Floating-State Output Capacitance
10
pF typ
Data Output Coding
Offset binary
POWER REQUIREMENTS2
Power Supply Voltage
VDD − GND
2.5/5.25
V min/max
AD7789, AD7788 B grade
2.7/5.25
V min/max
AD7788 A grade
Power Supply Currents
IDD Current
75
μA max
65 μA typ, VDD = 3.6 V
80
μA max
73 μA typ, VDD = 5.25 V
IDD (Power-Down Mode)
1
μA max
1 Specification is not production tested but is supported by characterization data at initial product release.
2 Digital inputs equal to VDD or GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com