Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5304ARM Datasheet(PDF) 21 Page - Analog Devices

Part # AD5304ARM
Description  2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5304ARM Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5304ARM Datasheet HTML 16Page - Analog Devices AD5304ARM Datasheet HTML 17Page - Analog Devices AD5304ARM Datasheet HTML 18Page - Analog Devices AD5304ARM Datasheet HTML 19Page - Analog Devices AD5304ARM Datasheet HTML 20Page - Analog Devices AD5304ARM Datasheet HTML 21Page - Analog Devices AD5304ARM Datasheet HTML 22Page - Analog Devices AD5304ARM Datasheet HTML 23Page - Analog Devices AD5304ARM Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
AD5304/AD5314/AD5324
Rev. H | Page 21 of 24
Table 8. Overview of AD53xx Parallel Devices
Part No.
Resolution
DNL
VREF Pins
Settling Time (μs)
Additional Pin Functions
Package
Pins
SINGLES
BUF
GAIN
HBEN
CLR
AD5330
8
±0.25
1
6
✓
✓
✓
TSSOP
20
AD5331
10
±0.5
1
7
✓
✓
TSSOP
20
AD5340
12
±1.0
1
8
✓
✓
✓
TSSOP
24
AD5341
12
±1.0
1
8
✓
✓
✓
✓
TSSOP
20
DUALS
AD5332
8
±0.25
2
6
✓
TSSOP
20
AD5333
10
±0.5
2
7
✓
✓
✓
TSSOP
24
AD5342
12
±1.0
2
8
✓
✓
✓
TSSOP
28
AD5343
12
±1.0
1
8
✓
✓
TSSOP
20
QUADS
AD5334
8
±0.25
2
6
✓
✓
TSSOP
24
AD5335
10
±0.5
2
7
✓
✓
TSSOP
24
AD5336
10
±0.5
4
7
✓
✓
TSSOP
28
AD5344
12
±1.0
4
8
TSSOP
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com