Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7788ARMZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD7788ARMZ
Description  Low Power, 16-/24-Bit, Sigma-Delta ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7788ARMZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7788ARMZ Datasheet HTML 12Page - Analog Devices AD7788ARMZ Datasheet HTML 13Page - Analog Devices AD7788ARMZ Datasheet HTML 14Page - Analog Devices AD7788ARMZ Datasheet HTML 15Page - Analog Devices AD7788ARMZ Datasheet HTML 16Page - Analog Devices AD7788ARMZ Datasheet HTML 17Page - Analog Devices AD7788ARMZ Datasheet HTML 18Page - Analog Devices AD7788ARMZ Datasheet HTML 19Page - Analog Devices AD7788ARMZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD7788/AD7789
Rev. B | Page 18 of 20
Reference voltage sources like those recommended in the pre-
vious section (for example, ADR391) typically have low output
impedances and are, therefore, tolerant to having decoupling
capacitors on REFIN(+) without introducing gain errors in the
system. Deriving the reference input voltage across an external
resistor means that the reference input sees a significant exter-
nal source impedance. External decoupling on the REFIN pins
is not recommended in this type of circuit configuration.
VDD MONITOR
Along with converting external voltages, the analog input
channel can be used to monitor the voltage on the VDD pin.
When Bit CH1 and Bit CH0 in the communications register are
set to 1, the voltage on the VDD pin is internally attenuated by 5
and the resultant voltage is applied to the Σ-Δ modulator using
an internal 1.17 V reference for analog-to-digital conversion.
This is useful because variations in the power supply voltage
can be monitored.
GROUNDING AND LAYOUT
Because the analog inputs and reference inputs of the ADC are
differential, most of the voltages in the analog modulator are
common-mode voltages. The excellent common-mode
rejection of the part removes common-mode noise on these
inputs. The digital filter provides rejection of broadband noise
on the power supply, except at integer multiples of the
modulator sampling frequency. The digital filter also removes
noise from the analog and reference inputs, provided that these
noise sources do not saturate the analog modulator. As a result,
the AD7788/AD7789 are more immune to noise interference
than conventional high resolution converters. However, because
the resolution of the AD7788/AD7789 is so high, and the noise
levels from the AD7788/AD7789 are so low, care must be taken
with regard to grounding and layout.
The printed circuit board that houses the AD7788/AD7789
should be designed such that the analog and digital sections
are separated and confined to certain areas of the board. A
minimum etch technique is generally best for ground planes
because it gives the best shielding.
It is recommended that the AD7788/AD7789 GND pins be tied
to the AGND plane of the system. In any layout, it is important
that the user consider the flow of currents in the system,
ensuring that the return paths for all currents are as close as
possible to the paths the currents took to reach their
destinations. Avoid forcing digital currents to flow through the
AGND sections of the layout.
The AD7788/AD7789 ground plane should be allowed to run
under the devices to prevent noise coupling. The power supply
lines to the AD7788/AD7789 should use as wide a trace as
possible to provide low impedance paths and reduce the effects
of glitches on the power supply line. Fast switching signals, such
as clocks, should be shielded with digital ground to avoid
radiating noise to other sections of the board, and clock signals
should never be run near the analog inputs. Avoid crossover of
digital and analog signals. Traces on opposite sides of the board
should run at right angles to each other. This reduces the effects
of feedthrough through the board. A microstrip technique is by
far the best, but it is not always possible with a double-sided
board. In this technique, the component side of the board is
dedicated to ground planes, with signals placed on the solder
side.
Good decoupling is important when using high resolution
ADCs. VDD should be decoupled with a 10 μF tantalum in
parallel with 0.1 μF capacitors to GND. To achieve the best
from these decoupling components, they should be placed as
close as possible to the device, ideally right up against the
device. All logic chips should be decoupled with 0.1 μF
ceramic capacitors to DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com