Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7277ARMZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD7277ARMZ
Description  3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7277ARMZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7277ARMZ Datasheet HTML 20Page - Analog Devices AD7277ARMZ Datasheet HTML 21Page - Analog Devices AD7277ARMZ Datasheet HTML 22Page - Analog Devices AD7277ARMZ Datasheet HTML 23Page - Analog Devices AD7277ARMZ Datasheet HTML 24Page - Analog Devices AD7277ARMZ Datasheet HTML 25Page - Analog Devices AD7277ARMZ Datasheet HTML 26Page - Analog Devices AD7277ARMZ Datasheet HTML 27Page - Analog Devices AD7277ARMZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD7276/AD7277/AD7278
Rev. C | Page 26 of 28
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-193-AA WITH
THE EXCEPTION OF PACKAGE HEIGHT AND THICKNESS.
13
4
5
2
6
2.90 BSC
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
0.10 MAX
*1.00 MAX
PIN 1
INDICATOR
*0.90
0.87
0.84
0.60
0.45
0.30
0.50
0.30
0.20
0.08
SEATING
PLANE
8°
4°
0°
Figure 37. 6-Lead Thin Small Outline Transistor Package [TSOT]
(UJ-6)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-187-AA
6°
0°
0.80
0.55
0.40
4
8
1
5
0.65 BSC
0.40
0.25
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.09
3.20
3.00
2.80
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 38. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com