Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12SCIV2D Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # S12SCIV2D
Description  MC9S12DJ64 Device User GUide V01.17
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12SCIV2D Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button S12SCIV2D Datasheet HTML 21Page - Freescale Semiconductor, Inc S12SCIV2D Datasheet HTML 22Page - Freescale Semiconductor, Inc S12SCIV2D Datasheet HTML 23Page - Freescale Semiconductor, Inc S12SCIV2D Datasheet HTML 24Page - Freescale Semiconductor, Inc S12SCIV2D Datasheet HTML 25Page - Freescale Semiconductor, Inc S12SCIV2D Datasheet HTML 26Page - Freescale Semiconductor, Inc S12SCIV2D Datasheet HTML 27Page - Freescale Semiconductor, Inc S12SCIV2D Datasheet HTML 28Page - Freescale Semiconductor, Inc S12SCIV2D Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 126 page
background image
MC9S12DJ64 Device User Guide — V01.17
25
1.5 Device Memory Map
Table 1-1 and Figure 1-2 show the device memory map of the MC9S12DJ64 after reset. The 1K
EEPROM is mapped twice in a 2K address space. Note that after reset the bottom 1k of the EEPROM
($0000 - $03FF) are hidden by the register space, and the 1K $0400 - $07FF is hidden by the RAM.
Table 1-1 Device Memory Map
Address
Module
Size
(Bytes)
$0000 - $000F
HCS12 Multiplexed External Bus Interface
16
$0010 - $0014
HCS12 Module Mapping Control
5
$0015 - $0016
HCS12 Interrupt
2
$0017 - $0019
Reserved
3
$001A - $001B
Device ID register (PARTID)
2
$001C - $001D
HCS12 Module Mapping Control
2
$001E
HCS12 Multiplexed External Bus Interface
1
$001F
HCS12 Interrupt
1
$0020 - $0027
Reserved
8
$0028 - $002F
HCS12 Breakpoint Module
8
$0030 - $0031
HCS12 Module Mapping Control
2
$0032 - $0033
HCS12 Multiplexed External Bus Interface
2
$0034 - $003F
Clock and Reset Generator (PLL, RTI, COP)
12
$0040 - $007F
Enhanced Capture Timer 16-bit 8 channels
64
$0080 - $009F
Analog to Digital Converter 10-bit 8 channels (ATD0)
32
$00A0 - $00C7
Pulse Width Modulator 8-bit 8 channels (PWM)
40
$00C8 - $00CF Serial Communications Interface 0 (SCI0)
8
$00D0 - $00D7
Serial Communications Interface 0 (SCI1)
8
$00D8 - $00DF Serial Peripheral Interface (SPI0)
8
$00E0 - $00E7
Inter IC Bus
8
$00E8 - $00EF
Byte Data Link Controller (BDLC)
8
$00F0 - $00FF
Reserved
16
$0100- $010F
Flash Control Register
16
$0110 - $011B
EEPROM Control Register
12
$011C - $011F
Reserved
4
$0120 - $013F
Analog to Digital Converter 10-bit 8 channels (ATD1)
32
$0140 - $017F
Motorola Scalable Can (CAN0)
64
$0180 - $023F
Reserved
192
$0240 - $027F
Port Integration Module (PIM)
64
$0280 - $03FF
Reserved
384
$0000 - $07FF
EEPROM array 1k Array mapped twice in the
address space
2048
$0000 - $0FFF
RAM array
4096
$4000 - $7FFF
Fixed Flash EEPROM array
incl. 0.5K, 1K, 2K or 4K Protected Sector at start
16384
$8000 - $BFFF
Flash EEPROM Page Window
16384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com