Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12SPIV2D Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # S12SPIV2D
Description  MC9S12DJ64 Device User GUide V01.17
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12SPIV2D Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  S12SPIV2D Datasheet HTML 1Page - Freescale Semiconductor, Inc S12SPIV2D Datasheet HTML 2Page - Freescale Semiconductor, Inc S12SPIV2D Datasheet HTML 3Page - Freescale Semiconductor, Inc S12SPIV2D Datasheet HTML 4Page - Freescale Semiconductor, Inc S12SPIV2D Datasheet HTML 5Page - Freescale Semiconductor, Inc S12SPIV2D Datasheet HTML 6Page - Freescale Semiconductor, Inc S12SPIV2D Datasheet HTML 7Page - Freescale Semiconductor, Inc S12SPIV2D Datasheet HTML 8Page - Freescale Semiconductor, Inc S12SPIV2D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 126 page
background image
Revision History
Version
Number
Revision
Date
Effective
Date
Author
Description of Changes
V01.00
16 NOV
2001
19 NOV
2001
Initial version based on MC9SDP256-2.09 Version.
V01.01
18 FEB
2002
18 FEB
2002
In table 7 I/O Characteristics" of the electrical characteristics
replaced tPULSE with tpign and tpval in lines "Port ... Interrupt Input
Pulse filtered" and "Port ... Interrupt Input Pulse passed"
respectively.
V01.02
6 MAR
2002
6 MAR
2002
Table "Oscillator Characteristics": removed "Oscillator start-up time
from POR or STOP" row
Table "5V I/O Characteristics": Updated
Partial Drive IOH = +–2mA and Full Drive IOH = –10mA
Table "ATD Operating Characteristics": Distinguish IREFfor 1 and 2
ATD blocks on
Table "ATD Electrical Characteristics": Update CINS to 22 pF
Table "Operating Conditions": Changed VDD and VDDPLL to 2.35 V
(min)
Removed Document number except from Cover Sheet
Updated Table "Document References"
V01.03
4 June
2002
4 June
2002
Table "5V I/O Characteristics" : Corrected Input Capacitance to 6pF
Section: "Device Pinout" (112-pin and 80-pin): added in diagrams
RXCAN0 to PJ6 and TXCAN0 to PJ7
Table "PLL Characteristics": Updated parameters K1 and f1
Figure "Basic PLL functional diagram": Inserted XFC pin in diagram
Enhanced section "XFC Component Selection"
Added to Sections ATD, ECT and PWM: freeze mode = active BDM
mode
V01.04
4 July
2002
4 July
2002
Added 1L86D to Table "Assigned Part ID numbers"
Corrected MEMSIZ1 value in Table "Memory size registers"
Subsection "Device Memory Map: Removed Flash mapping from
$0000 to $3FFF.
Table "Signal Properties": Added column "Internal Pull Resistor".
Preface Table "Document References": Changed to full naming for
each block.
Table "Interrupt Vector Locations", Column "Local Enable":
Corrected several register and bit names.
V01.05
30 July
2002
30 July
2002
Figure "Recommended PCB Layout for 80QFP: Corrected
VREGEN pin position
Thermal values for junction to board and package
BGND pin pull-up
Part Order Information
Global Register Table
Chip Configuration Summary
Modified mode of Operations chapter
Section "Printed Circuit Board Layout Proposals": added Pierce
Oscillator examples for 112LQFP and 80QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com