Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5314ARMZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD5314ARMZ
Description  2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5314ARMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5314ARMZ Datasheet HTML 2Page - Analog Devices AD5314ARMZ Datasheet HTML 3Page - Analog Devices AD5314ARMZ Datasheet HTML 4Page - Analog Devices AD5314ARMZ Datasheet HTML 5Page - Analog Devices AD5314ARMZ Datasheet HTML 6Page - Analog Devices AD5314ARMZ Datasheet HTML 7Page - Analog Devices AD5314ARMZ Datasheet HTML 8Page - Analog Devices AD5314ARMZ Datasheet HTML 9Page - Analog Devices AD5314ARMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD5304/AD5314/AD5324
Data Sheet
Rev. H | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter1
Rating
VDD to GND
–0.3 V to +7 V
Digital Input Voltage to GND
–0.3 V to VDD + 0.3 V
Reference Input Voltage to GND
–0.3 V to VDD + 0.3 V
VOUTA through VOUTD to GND
–0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (A, B, W Version)
–40°C to +105°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature (TJ max)
150°C
10-Lead MSOP
Power Dissipation
(TJ max – TA)/ θJA
θJA Thermal Impedance
206°C/W
θJC Thermal Impedance
44°C/W
10-Lead LFCSP
Power Dissipation
(TJ max – TA)/ θJA
θJA Thermal Impedance
84°C/W
Reflow Soldering
Peak Temperature (Pb-free)
260°C
Peak Temperature (non Pb-free)
220°C
Time at Peak Temperature
10 sec to 40 sec
1 Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com