Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GP710A Datasheet(PDF) 92 Page - Microchip Technology

Part # dsPIC33FJ64GP710A
Description  16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
PDF  362 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GP710A Datasheet(HTML) 92 Page - Microchip Technology

Back Button dsPIC33FJ64GP710A Datasheet HTML 88Page - Microchip Technology dsPIC33FJ64GP710A Datasheet HTML 89Page - Microchip Technology dsPIC33FJ64GP710A Datasheet HTML 90Page - Microchip Technology dsPIC33FJ64GP710A Datasheet HTML 91Page - Microchip Technology dsPIC33FJ64GP710A Datasheet HTML 92Page - Microchip Technology dsPIC33FJ64GP710A Datasheet HTML 93Page - Microchip Technology dsPIC33FJ64GP710A Datasheet HTML 94Page - Microchip Technology dsPIC33FJ64GP710A Datasheet HTML 95Page - Microchip Technology dsPIC33FJ64GP710A Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 362 page
background image
dsPIC33FJXXXGPX06A/X08A/X10A
DS70593D-page 92
 2009-2012 Microchip Technology Inc.
TABLE 7-2:
TRAP VECTORS
54
46
0x000070
0x000170
DMA4 – DMA Channel 4
55
47
0x000072
0x000172
T6 – Timer6
56
48
0x000074
0x000174
T7 – Timer7
57
49
0x000076
0x000176
SI2C2 – I2C2 Slave Events
58
50
0x000078
0x000178
MI2C2 – I2C2 Master Events
59
51
0x00007A
0x00017A
T8 – Timer8
60
52
0x00007C
0x00017C
T9 – Timer9
61
53
0x00007E
0x00017E
INT3 – External Interrupt 3
62
54
0x000080
0x000180
INT4 – External Interrupt 4
63
55
0x000082
0x000182
C2RX – ECAN2 Receive Data Ready
64
56
0x000084
0x000184
C2 – ECAN2 Event
65
57
0x000086
0x000186
Reserved
66
58
0x000088
0x000188
Reserved
67
59
0x00008A
0x00018A
DCIE – DCI Error
68
60
0x00008C
0x00018C
DCID – DCI Transfer Done
69
61
0x00008E
0x00018E
DMA5 – DMA Channel 5
70
62
0x000090
0x000190
Reserved
71
63
0x000092
0x000192
Reserved
72
64
0x000094
0x000194
Reserved
73
65
0x000096
0x000196
U1E – UART1 Error
74
66
0x000098
0x000198
U2E – UART2 Error
75
67
0x00009A
0x00019A
Reserved
76
68
0x00009C
0x00019C
DMA6 – DMA Channel 6
77
69
0x00009E
0x00019E
DMA7 – DMA Channel 7
78
70
0x0000A0
0x0001A0
C1TX – ECAN1 Transmit Data Request
79
71
0x0000A2
0x0001A2
C2TX – ECAN2 Transmit Data Request
80-125
72-117
0x0000A4-0x0000FE 0x0001A4-0x0001FE Reserved
Vector Number
IVT Address
AIVT Address
Trap Source
0
0x000004
0x000104
Reserved
1
0x000006
0x000106
Oscillator Failure
2
0x000008
0x000108
Address Error
3
0x00000A
0x00010A
Stack Error
4
0x00000C
0x00010C
Math Error
5
0x00000E
0x00010E
DMA Error Trap
6
0x000010
0x000110
Reserved
7
0x000012
0x000112
Reserved
TABLE 7-1:
INTERRUPT VECTORS (CONTINUED)
Vector
Number
Interrupt
Request (IRQ)
Number
IVT Address
AIVT Address
Interrupt Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com