Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33FJ64GP710 Datasheet(PDF) 7 Page - Microchip Technology

Part # 33FJ64GP710
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ64GP710 Datasheet(HTML) 7 Page - Microchip Technology

Back Button 33FJ64GP710 Datasheet HTML 3Page - Microchip Technology 33FJ64GP710 Datasheet HTML 4Page - Microchip Technology 33FJ64GP710 Datasheet HTML 5Page - Microchip Technology 33FJ64GP710 Datasheet HTML 6Page - Microchip Technology 33FJ64GP710 Datasheet HTML 7Page - Microchip Technology 33FJ64GP710 Datasheet HTML 8Page - Microchip Technology 33FJ64GP710 Datasheet HTML 9Page - Microchip Technology 33FJ64GP710 Datasheet HTML 10Page - Microchip Technology 33FJ64GP710 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 5
dsPIC33F
PRODUCT IDENTIFICATION SYSTEM
Architecture
33
= 16-bit Digital Signal Controller
Flash Memory Family
FJ
= Flash program memory, 3.3V
Product Group
GP2
= General Purpose family
GP3
= General Purpose family
GP5
= General Purpose family
GP7
= General Purpose family
MC5 = Motor Control family
MC7 = Motor Control family
Pin Count
06
= 64-pin
08
= 80-pin
10
= 100-pin
Temperature Range
I
=
-40
°C to +85°C (Industrial)
Package
PT
= 10x10 or 12x12 mm TQFP (Thin Quad Flatpack)
PF
= 14x14 mm TQFP (Thin Quad Flatpack)
Pattern
Three-digit QTP, SQTP, Code or Special Requirements
(blank otherwise)
ES
= Engineering Sample
Examples:
a)
dsPIC33FJ256GP710I/PT-PS:
General Purpose dsPIC33, 64 KB program
memory, 100-pin, Industrial temp.,
TQFP package, Prototype Sample.
b)
dsPIC33FJ64MC706I/PT-ES:
Motor Control dsPIC33, 64 KB program
memory, 64-pin, Industrial temp.,
TQFP package, Engineering Sample.
Microchip Trademark
Architecture
Flash Memory Family
Program Memory Size (KB)
Product Group
Pin Count
Temperature Range
Package
Pattern
dsPIC 33 FJ 256 GP7 10 T I / PT - XXX
Tape and Reel Flag (if applicable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com