Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM330023-2 Datasheet(PDF) 49 Page - Microchip Technology

Part # DM330023-2
Description  dsPICDEM MCHV Development System User?셲 Guide
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330023-2 Datasheet(HTML) 49 Page - Microchip Technology

Back Button DM330023-2 Datasheet HTML 45Page - Microchip Technology DM330023-2 Datasheet HTML 46Page - Microchip Technology DM330023-2 Datasheet HTML 47Page - Microchip Technology DM330023-2 Datasheet HTML 48Page - Microchip Technology DM330023-2 Datasheet HTML 49Page - Microchip Technology DM330023-2 Datasheet HTML 50Page - Microchip Technology DM330023-2 Datasheet HTML 51Page - Microchip Technology DM330023-2 Datasheet HTML 52Page - Microchip Technology DM330023-2 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
Hardware
 2009 Microchip Technology Inc.
DS70605A-page 43
4.3
ELECTRICAL SPECIFICATIONS
The maximum power and current capability of the system is dictated by the allowable
temperature rise of the different components. Establishing maximum limits is not simple
given the host of different ways the user may use the system. The voltage and the
nature of the electrical load used both affects the dissipation that occurs. In determining
the allowable limits for the power semiconductors, the following assumptions have
been made:
• Heat sink is at 70°C (worst case)
• Thermal resistance of the insulating thermal pad is 3°C/W
TABLE 4-9:
INVERTER ELECTRICAL SPECIFICATIONS
TABLE 4-10:
PFC ELECTRICAL SPECIFICATIONS
Parameter
Min
Typ
Max
Units
DC Bus
40
310
400
VDC
Current
0.1
6.5(1)
10(1)
A
Power Rating
4
2015(2)
4000(2)
Watts
Switching Frequency
0
—
20
kHz
Note 1: The system continuously operated during one hour, 15 kHz switching
frequency and the PFC boost circuit disabled.
2: It is possible to increase the available maximum output power up to
4000W by using an external ventilation mechanism attached to system
near to the power module. To provide additional air flow, a conventional
AC muffin fan can be used (Comair-rotron part number 028021 or
028023). An alternative bonded fin heat sink with fans attached is also an
option (C&H Technology, Inc. part number CH5117F).
Parameter
Min
Typ
Max
Units
DC Bus
90
380
400
VDC
Current
0.1
2.6(1)
3.5(1)
A
Power Rating
9
1000(2)
1400(2)
Watts
Switching Frequency
0
50
100
kHz
Note 1: The system continuously operated during one hour, 50 kHz switching
frequency.
2: It is possible to increase the available maximum output power up to
1400W by using an external ventilation mechanism attached to system
near to the PFC IGBT. To provide additional air flow, a conventional AC
muffin fan can be used (Comair-rotron part number 028021 or 028023).
An alternative bonded fin heat sink with fans attached is also an option
(C&H Technology, Inc. part number CH5117F).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com