Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-ESSQTP Datasheet(PDF) 278 Page - Microchip Technology

Part # PIC16F883-ESSQTP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-ESSQTP Datasheet(HTML) 278 Page - Microchip Technology

Back Button PIC16F883-ESSQTP Datasheet HTML 274Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 275Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 276Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 277Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 278Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 279Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 280Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 281Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 282Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 338 page
background image
PIC16F882/883/884/886/887
DS41291G-page 278
 2006-2012 Microchip Technology Inc.
FIGURE 18-1:
TYPICAL IDD vs. FOSC OVER VDD (EC MODE)
FIGURE 18-2:
MAXIMUM IDD vs. FOSC OVER VDD (EC MODE)
Typical
2V
3V4V5V
5.5V
1Mhz
0.086
0.153
0.220
0.277
0.310
2Mhz
0.150
0.2596
0.3718
0.4681
0.5236
4Mhz
0.279
0.472
0.675
0.850
0.951
6Mhz
0.382
0.635
0.903
1.135
1.269
8Mhz
0.486
0.798
1.132
1.420
1.587
10Mhz
0.589
0.961
1.360
1.706
1.905
12Mhz
0.696
1.126
1.596
2.005
2.241
14Mhz
0.802
1.291
1.832
2.304
2.577
16Mhz
0.908
1.457
2.068
2.603
2.913
18Mhz
1.017
1.602
2.268
2.848
3.185
20Mhz
1.126
1.748
2.469
3.093
3.458
Max
2V
3V4V5V
5.5V
1Mhz
0.168
0.236
0.315
0.412
0.452
2Mhz
0.261
0.394
0.537
0.704
0.780
4Mhz
0.449
0.710
0.981
1.287
1.435
6Mhz
0.577
0.972
1.331
1.739
1.950
8Mhz
0.705
1.233
1.682
2.191
2.465
10Mhz
0.833
1.495
2.032
2.642
2.979
12Mhz
0.956
1.711
2.372
3.101
3.506
14Mhz
1.078
1.926
2.713
3.560
4.032
16Mhz
1.201
2.142
3.054
4.018
4.558
18Mhz
1.305
2.326
3.295
4.324
4.887
20Mhz
1.409
2.510
3.536
4.630
EC Mode
3V
4V
5V
5.5V
2V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1 MHz
2 MHz
4 MHz
6 MHz
8 MHz
10 MHz
12 MHz
14 MHz
16 MHz
18 MHz
20 MHz
VDD (V)
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-case Temp) + 3
(-40°C to 125°C)
3V
4V
5V
5.5V
2V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
1 MHz
2 MHz
4 MHz
6 MHz
8 MHz
10 MHz
12 MHz
14 MHz
16 MHz
18 MHz
20 MHz
VDD (V)
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-case Temp) + 3
(-40°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com