Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-ESSQTP Datasheet(PDF) 279 Page - Microchip Technology

Part # PIC16F883-ESSQTP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-ESSQTP Datasheet(HTML) 279 Page - Microchip Technology

Back Button PIC16F883-ESSQTP Datasheet HTML 275Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 276Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 277Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 278Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 279Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 280Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 281Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 282Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 283Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 338 page
background image
 2006-2012 Microchip Technology Inc.
DS41291G-page 279
PIC16F882/883/884/886/887
FIGURE 18-3:
TYPICAL IDD vs. FOSC OVER VDD (HS MODE)
FIGURE 18-4:
MAXIMUM IDD vs. FOSC OVER VDD (HS MODE)
3V
3.5V
4V
4.5V
5V
5.5V
0.567660978
0.6909750.8211857610.9883470541.0462473761.119615457
1.1610564131.4069334781.6664380432.0030751092.1193190652.268818804
2.883088587 3.03554863
3.23775
3.74139 3.967407543
HS Mode
3V
3.5V
4V
4.5V
5V
5.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
4 MHz
10 MHz
16 MHz
20 Mhz
FOSC
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-case Temp) + 3
(-40°C to 125°C)
3V
3.5V
4V
4.5V
5V
5.5V
0.8868608641.0693043161.2645617521.4868166111.5076394231.520959608
1.6176371031.9623642592.3355493582.7630868222.8139211682.849632041
3.8375797553.9157601913.967889512
4.685048474 4.78069621
HS Mode
3V
3.5V
4V
4.5V
5V
5.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
4 MHz
10 MHz
16 MHz
20 MHz
FOSC
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-case Temp) + 3
(-40°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com